データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085RS データシート(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1085RS
部品情報  3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1085RS データシート(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

  LM1085RS Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1085RS Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1085RS Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1085RS Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1085RS Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1085RS Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1085RS Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1085RS Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085
THERMAL CONSIDERATIONS
The LM1085 series have internal power and thermal limiting circuitry designed to protect the device under
overload cinditions. However maximum junction temperature ratings should not be exceeded under continous
normal load conditions.
Careful consideration must be given to all sourses of thermal resistance from junction to ambient, including
junction-to- ase, case-to-heat sink interface and heat sink resistance itself. To ensure safe operating
temperatures and reflect more accurately the device temperature, new thermal resistance specifications have
been developed. Unlike order reguators with a single junction-to-case thermal resistance speccification, the
data section for these new regulators provides a separate thermal resistance and maximum juntion temperature
for both the Control Section and the Power Transistor. Calculations for both temperatures under certain
conditions of ambient temperature and heat sink resistance and to ensure that both thermal limits are met.
Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly below
the die. This is the lowest resistance path for the heat flow. In order to ensure the best possible thermal flow
from this area of the package to the heat sink proper mounting is required. Thermal compound at the case-
to-heat sink interface is recommended. A thermarlly conductive spacer can be used, if the case of the device
must be electrically isolated, but its added contribution to thermal resistance has to be considered.
spacer can be used, if the case of the device must be electrically isolated, but its added contribution
to thermal resistance has to be considered.
HTC
- 8 -


同様の部品番号 - LM1085RS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1085R-X.X ETC2-LM1085R-X.X Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results

同様の説明 - LM1085RS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com