データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1086R データシート(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM1086R
部品情報  1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1086R データシート(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1086R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1086R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1086R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1086R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1086R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1086R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1086R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1086R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086
ELECTRICAL CHARACTERISTICS I OUT=100㎃, TA=25℃, unless otherwise specified
Min. Load Current(Note 3)
Line Regulation (ΔVREF(VIN))
Load Regulation (ΔVREF(VOUT))
Dropout Voltage
Current Limit
IOUT(MAX)
Thermal Regulation
(ΔVOUT(Pwr))
Output Noise, RMS
HTC
- 3 -
1.78
1.8
1.82
V
Output Voltage
0<IOUT<1.5A, 4.75V<VIN
2.5
3.27
V
V
5.0V Version
0<IOUT<1.5A, 3.5V<VIN
Output Voltage
Output Voltage
3.3
3.33
2.475
1.8V Version
V
UNIT
0<IOUT<1.5A, 2.75V<VIN
V
mA
1.27
1.5V≤(VIN-VOUT)≤5.75V, 10㎃≤IOUT≤1.5A
Reference Voltage (VREF)
℃/W
%/W
All Voltage Options
0≤IOUT≤1.5A, 5.5V≤VIN
VIN≤7V,P≤PMAX
4.95
5
1.25
1.225
1.27
5.05
V
%
V
0.3
1.5
%/Vo
1.25
%
510
0.005
0.2
A
%
2.5V Version
PARAMETER
MIN
Output Voltage
TEST CONDITIONS
Output Voltage
0<IOUT<1.5A, 3.0V<VIN
1.5V≤(VIN-VOUT)≤5.75V
2.75V≤VIN≤7V, IOUT=10㎃, TJ=25℃
10㎃≤IOUT≤1.5A,(VIN-VOUT)=3V,TJ=25℃
Vin-Vout=3V
0.003
ΔVREF=1% , Iout=1.5A
Thermal Resistance
Junction to Tab
Junction to Ambient
TA=125℃, 1000Hrs
10Hz to 10Khz TA=25℃
Long Term Stability
TA=25℃, 30㎳ pulse
1.225
3
0.05
1.3
0.02
60
1.4V≤(VIN-VOUT) Adjustable Only
0.01
0.3
1
1.7
2.5
3.3V Version
1.5V Version
TYP
MAX
1.485
1.5
1.515
2.525


同様の部品番号 - LM1086R

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
More results

同様の説明 - LM1086R

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com