データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576R データシート(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM2576R
部品情報  3.0A, 52kHz, Step-Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576R データシート(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM2576R Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576R Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3.0A, 52kHz, Step-Down Switching Regulator
LM2576
FEATURES
3.3V, 5.0V, 12V, 15V, and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.23 to 37V
+/- 4% AG10Maximum Over Line and Load Conditions
Guaranteed 3.0A Output Current
Wide Input Voltage Range
Requires Only 4 External Components
52kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
Moisture Sensitivity Level 3
Applications
Simple High-Efficiency Step-Down(Buck) Regulator
Efficient Pre-Regulator for Linear Regulators
On-Card Switching Regulators
Positive to Negative Converter(Buck-Boost)
Negative Step-Up Converters
Power Supply for Battery Chargers
DESCRIPTION
ORDERING INFORMATION
The LM2576 series of regulators are monolithic integrated
circuits ideally suited for easy and convenient design of a
step-down switching regulator(buck converter).
All circuits of this series are capable of driving a 3.0A load
with excellent line and load regulation. These devices are
available in fixed output voltages of 3.3V, 5.0V,12V, 15V,
and an adjustable output version.
These regulators were designed to minimize the number of external components to simplify the
power supply design. Standard series of inductors optimized for use with the LM2576 are offered
by several different inductor manufacturers.
Since the LM2576 converter is a switch-mode power supply, its efficiency is significantly higher in
comparison with popular three-terminal linear regulators, especially with higher input voltages.
available from several different manufacturers. This feature greatly simplifies the design of
switch-mode power supplies. The LM2576 features include a guaranteed +/- 4% tolerance
on output voltage within specified input voltages and output load conditions, and +/-10% on the
oscillator frequency (+/- 2% over 0oC to 125 oC).
External shutdown is included, featuring 80 ㎂(typical) standby current. The output switch includes
cycle-bycycle current limiting, as well as thermal shutdown for full protection under fault conditions.
2008 - Ver. 1.0
HTC
- 1 -
Device
Marking
Package
LM2576T-X.X
LM2576T-X.X
TO-220
In many cases, the power dissipated is so low that no heatsink is required or its size could
be reduced dramatically. A standard series of inductors optimized for use with the LM2576 are
LM2576TV-X.X
LM2576T-X.X
LM2576R
LM2576R-X.X
TO-263
TO-220V
1. Vin 2. Output
3. Ground
4. Feedback 5. On/Off
1
5
1
5
1
5
TO-220 PKG
TO-263 PKG
TO-220V PKG


同様の部品番号 - LM2576R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LM2576R ETC1-LM2576R Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2576R-12 ETC1-LM2576R-12 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576R-12 HTC-LM2576R-12 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2576R-15 ETC1-LM2576R-15 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2576R-3.3 ETC1-LM2576R-3.3 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
More results

同様の説明 - LM2576R

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Weitron Technology
WT2575M WEITRON-WT2575M Datasheet
975Kb / 11P
   2A Step-down Voltage Regulator Power Converter 52kHz
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com