データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM29150R-2.5 データシート(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM29150R-2.5
部品情報  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29150R-2.5 データシート(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM29150R-2.5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29150R-2.5 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
Nov. 2010 - Rev. 1.5.1
- 3
-
HTC
Ordering Information
VOUT
Package
Order No.
Description
Supplied As
Status
SOT-223
LM39100S-5.0V
1A, Fixed
Reel
Active
SOT-223
LM39100GS-5.0V
1A, Fixed
Reel
Contact us
TO-252 3L
LM39100RS-5.0V
1A, Fixed
Reel
Active
TO-252 3L
LM39100GRS-5.0V
1A, Fixed
Reel
Active
TO-252 5L
LM39101RS-5.0V
1A, Fixed, Enable
Reel
Active
TO-252 5L
LM39101GRS-5.0V
1A, Fixed, Enable
Reel
Active
5.0 V
SOP-8
LM39101D-5.0V
1A, Fixed, Enable
Reel
Active
TO-252 5L
LM39102RS
1A, Adjustable, Enable
Reel
Active
TO-252 5L
LM39102GRS
1A, Adjustable, Enable
Reel
Active
ADJ
SOP-8
LM39102D
1A, Adjustable, Enable
Reel
Active
Package Type
Root Name
Product Code
LM 3910X
Output Voltage : 1.5V / 1.8V / 2.5V / 3.3V / 5.0V / Blank(ADJ Only)
S
RS
D
Green Mode
G
: Halogen Free
Blank : Pb Free
: SOT-223
: TO-252
: SOP-8
39100 : 3L Fixed Output
39101 : 5L Fixed Output
39102 : 5L / 8L Adjustable Output


同様の部品番号 - LM29150R-2.5

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM29150R-2.5 HTC-LM29150R-2.5 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150R-2.5 HTC-LM29150R-2.5 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

同様の説明 - LM29150R-2.5

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com