データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM29151R-5.0 データシート(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM29151R-5.0
部品情報  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151R-5.0 データシート(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button LM29151R-5.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM29151R-5.0 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/29151/29152
Nov. 2009 - Rev. 1.2
- 7
-
HTC
Reference LM29152
1.228
1.215
1.24
1.252
1.265
V
VREF
Reference Voltage
(Note 8)
1.203
1.277
V
IADJ
Adjust Pin Bias Current
40
80
120
nA
Reference Voltage Temp.
Coefficient
(Note 7)
20
ppm/℃
Adjust Pin Bias Current
Temp. Coefficient
0.1
nA/℃
Enable Input LM29151 / LM29152
VEN
Enable Input Voltage
Logic Low (Off)
Logic High (On)
2.4
0.8
V
VEN =26V
100
600
750
μA
IEN
Enable Pin Input Current
VEN =0.8V
2.5
5
μA
Regulator Output Current
Shutdown
(Note 10)
10
500
μA
Note 1. Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle(≤1%). The maximum continuous
supply voltage is 26V.
Note 2. Full load current (IFL) is defined as 1.5A.
Note 3. Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with VOUT
to VIN.
Note 4. VIN = VOUT(nominal) +1V. For example, use VIN = 4.3V for a 3.3V regulator or use 6V for a 5V regulator. Employ pulse-testing
procedures to minimize temperature rise.
Note 5. Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current plus
the ground pin current.
Note 6. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 7. Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding
load or line regulation effects. Specifications are for a 200mA load pulse at VIN = 20V (a 4W pulse) for T= 10ms.
Note 8. VREF ≤ VOUT ≤ (VIN -1V), 2.3V ≤ VIN ≤ 26V, 10mA < IL < IFL, TJ< TJ Max.
Note 9. Comparator thresholds are expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage
measured at. 6V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT /
VREF = (R1 +R2)/R2. For example, at a programmed output voltage of 5V, the Error output is guaranteed to go low when the
output drops by 95mV x 5V/ 1.240V - 384mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout
warining occurring at typically 5% below nominal, 7.7% guaranteed.
Note 10. VEN ≤ 0.8V and VIN ≤26V, VOUT =0.
Note 11. When used in dual supply system where the regulator load is returned to a negative supply, the output voltage must be diode
clamped to ground.


同様の部品番号 - LM29151R-5.0

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM29151R-5.0 HTC-LM29151R-5.0 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151R-5.0 HTC-LM29151R-5.0 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

同様の説明 - LM29151R-5.0

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com