データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM29151RS-12 データシート(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM29151RS-12
部品情報  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151RS-12 データシート(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM29151RS-12 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151RS-12 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/29151/29152
Nov. 2009 - Rev. 1.2
- 1
-
HTC
TO-220 3L / 5L PKG
TO-263 3L / 5L PKG
TO-252 3L / 5L PKG
ORDERING INFORMATION
Device
Package
LM29150T-X.X
LM29151T-X.X
LM29152T
TO-220 3L / 5L
LM29150R-X.X
LM29151R-X.X
LM29152R
TO-263 3L / 5L
LM29150RS-X.X
LM29151RS-X.X
LM29152RS
TO-252 3L / 5L
FEATURES
High Current Capability 1.5A
Low Dropout Voltage 350mV
Low Ground Current
Accurate 1% Guaranteed Initial Tolerance
Extremely Fast Transient Response
Reverse-Battery and "Load Dump" Protection
Zero-Current Shutdown Mode(5-Pin Version)
Error Flag Signals Output out-of-Regulation
(5-Pin Version)
Also Characterized For Smaller Loads With Industry
-Leading Performance specifications
Fixed Voltage and Adjustable Versions
Moisture Sensitivity Level 3
APPLICATION
Battery Powered Equipment
High-Efficiency " Green" Computer System
Automotive Electronics
High-Efficiency Linear Power Supplies
High-Efficiency Post-Regulator For Switching Supply
DESCRIPSION
X.X = Output Voltage = 1.5, 1.8, 2.5, 3.0, 3.3, 5.0, 12
The LM29150, LM29151 and LM29152 are high current, high accuracy, and low-dropout voltage regulators.
Using process with a PNP pass element, these regulators feature 350mV (full load) dropout voltages and very
low ground current. These devices also find applications in lower current, low dropout-critical systems, where
their tiny dropout voltage and ground current values are important attributes.
The LM29150, LM29151 and LM29152 are fully protected against over current faults, reversed input polarity,
reversed lead insertion, over temperature operation, and positive and negative transient voltage spikes.
LM29151 features logic level enable control and an error flag which signals whenever the output falls out of
regulation. On the LM29151 and LM29152, the ENABLE pin may be tied to Vin if it is not required for ON/OFF
control.
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage
(Note 1)
VIN
- 20
+ 60
V
Lead Temperature(Soldering, 5 sec)
TSOL
-
260
Storage Temperature Range
TSTG
-65
+ 150


同様の部品番号 - LM29151RS-12

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM29151RS-12 HTC-LM29151RS-12 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151RS-12 HTC-LM29151RS-12 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

同様の説明 - LM29151RS-12

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com