データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431CZTA データシート(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

部品番号 TL431CZTA
部品情報  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431CZTA データシート(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TL431CZTA Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431CZTA Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ/CZ
2009 – Obsolete
- 5 -
HTC
The deviation parameters ΔVREF/ΔT and ΔIREF/ΔT are defined as the differences between the maximum and
minimum values obtained over the recommended temperature range. The average full-range temperature
coefficient of the reference voltage, αVREF, is defined as :
Where :
ΔTA is the recommended operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at
the lower temperature.
Example : Maximum VREF=2496mV at 30 , m
aximum VREF=2492mV at 0 , V
REF=2495mV at 25
,
ΔTA=70
for TL431C
Z.
C
ppm
C
mV
mV
a
REF
V
°
°
×
=
23
70
10
2495
4
6
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as :
KA
KA
KA
I
V
Z
Δ
Δ
=
When the device is operating with two external resistors, the total dynamic impedance of the circuit is given by :
⎛ +
Δ
Δ
=
2
1
1
'
R
R
Z
I
V
Z
KA


同様の部品番号 - TL431CZTA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TL431CZT STMICROELECTRONICS-TL431CZT Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431CZT STMICROELECTRONICS-TL431CZT Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431CZT STMICROELECTRONICS-TL431CZT Datasheet
174Kb / 15P
   Programmable voltage reference
TL431CZT STMICROELECTRONICS-TL431CZT Datasheet
939Kb / 21P
   Programmable voltage reference
TL431CZT-AP STMICROELECTRONICS-TL431CZT-AP Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
More results

同様の説明 - TL431CZTA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com