データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM29151T-5.0 データシート(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM29151T-5.0
部品情報  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151T-5.0 データシート(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM29151T-5.0 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151T-5.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
Nov. 2010 - Rev. 1.5.1
- 1
-
HTC
SOT-223 PKG
TO-252 3L / 5L PKG
SOP-8 PKG
ORDERING INFORMATION
Device
Package
LM39100S-X.X
LM39100GS-X.X
SOT-223
LM39100RS-X.X
LM39100GRS-X.X
TO-252 3L
LM39101RS-X.X
LM39101GRS-X.X
LM39102RS
LM39102GRS
TO-252 5L
LM39101D-X.X
LM39102D
SOP-8
FEATURES
Fixed and adjustable output voltages to 1.24V
410mV typical dropout at 1A
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.5V conversion
1A minimum guaranteed output current
1% initial accuracy
Low ground current
Current limiting and thermal shutdown
Reversed-battery protection
Reversed-leakage protection
Fast transient response
Low-profile SOT-223 package
Moisture Sensitivity Level 3
APPLICATION
Battery Powered Equipments
Motherboards and Graphic Cards
Microprocessor Power Supplies
Peripheral Cards
High Efficiency Linear Regulators
Battery Chargers
DESCRIPSION
The LM39100/1/2 is 1A low-dropout linear voltage
regulators that provide low-voltage, high-current output.
X.X = Output Voltage = 1.5, 1.8, 2.5, 3.3, 5.0
The LM39100/1/2 offers extremely low dropout (typically 410mV at 1A) and low ground current (typically 12mA
at 1A). The LM39100 is a fixed output regulator offered in the SOT-223 package. The LM39101 and LM39102
are fixed and adjustable regulators, respectively, in SOP-8 and TO-252 Packages.
The LM39100/1/2 is ideal for PC add-in cards that need to convert from standard 5V to 3.3V, 3.3V to 2.5V or
2.5V to1.8V. A guaranteed maximum dropout voltage of 630mV overall operating conditions allows the
LM39100/1/2 to provide2.5V from a supply as low as 3.13V and 1.8V from a supply as low as 2.43V. The
LM39100/1/2 is fully protected with over current limiting, thermal shutdown, and reversed-battery protection.
Fixed voltages of 5.0V, 3.3V, 2.5V, 1.8V and 1.5V are available on LM39100/1 with adjustable output voltages
to 1.24V on LM39102.
Absolute Maximum Ratings (Note 1)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Supply Voltage
VIN
- 0.3
+ 20
V
Enable Voltage
VEN
-
+ 20
V
Output Voltage
VOUT
-0.3
VIN +0.3
V
Lead Temperature (Soldering, 5 sec)
TSOL
-
260
Storage Temperature Range
TSTG
-65
+ 150


同様の部品番号 - LM29151T-5.0

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM29151T-5.0 HTC-LM29151T-5.0 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

同様の説明 - LM29151T-5.0

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com