データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

546LP2E データシート(PDF) 3 Page - Hittite Microwave Corporation

部品番号 546LP2E
部品情報  GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

546LP2E データシート(HTML) 3 Page - Hittite Microwave Corporation

  546LP2E Datasheet HTML 1Page - Hittite Microwave Corporation 546LP2E Datasheet HTML 2Page - Hittite Microwave Corporation 546LP2E Datasheet HTML 3Page - Hittite Microwave Corporation 546LP2E Datasheet HTML 4Page - Hittite Microwave Corporation 546LP2E Datasheet HTML 5Page - Hittite Microwave Corporation 546LP2E Datasheet HTML 6Page - Hittite Microwave Corporation 546LP2E Datasheet HTML 7Page - Hittite Microwave Corporation 546LP2E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 162
Input IP3 vs. Voltage with 2015 MHz Tuning
Return Loss with 2015 MHz Tuning
Insertion Loss vs.
Temperature, Tx with 2015 MHz Tuning
Isolation with 2015 MHz Tuning
Insertion Loss vs.
Temperature, Rx with 2015 MHz Tuning
-3
-2.5
-2
-1.5
-1
-0.5
0
1.9
1.95
2
2.05
2.1
Rx, +25C
Rx, +85C
Rx, -40C
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
1.9
1.95
2
2.05
2.1
Tx, Input
Tx, Output
Rx, Input
Rx, Output
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
65
70
75
34
56
78
RFC to Tx
RFC to Rx
VOLTAGE (V)
-35
-30
-25
-20
-15
-10
-5
0
1.9
1.95
2
2.05
2.1
RFC to Tx
RFC to Rx
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
1.9
1.95
2
2.05
2.1
Tx, +25C
Tx, +85C
Tx, -40C
FREQUENCY (GHz)
HMC546LP2 / 546LP2E
v03.0809
GaAs MMIC 10W FAILSAFE SWITCH
0.2 - 2.7 GHz


同様の部品番号 - 546LP2E

メーカー部品番号データシート部品情報
logo
Systemsensor advanced i...
546-7000 SYSTEMSENSOR-546-7000 Datasheet
480Kb / 2P
   Waterflow Detector
546-8000 SYSTEMSENSOR-546-8000 Datasheet
130Kb / 2P
   Cover Tamper Switch
logo
Precid-Dip Durtal SA
546-91-108-12-101-035 PREDIP-546-91-108-12-101-035 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
546-91-108-12-101-036 PREDIP-546-91-108-12-101-036 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
546-93-108-12-101-028 PREDIP-546-93-108-12-101-028 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
More results

同様の説明 - 546LP2E

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
HMC546LP2E AD-HMC546LP2E Datasheet
251Kb / 13P
   10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
logo
Hittite Microwave Corpo...
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
   GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC646LP2 HITTITE-HMC646LP2 Datasheet
323Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com