データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS5022-102-RM データシート(PDF) 1 Page - ice Components, Ins.

部品番号 LS5022-102-RM
部品情報  Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICE [ice Components, Ins.]
ホームページ  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LS5022-102-RM データシート(HTML) 1 Page - ice Components, Ins.

  LS5022-102-RM Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
18.54 max
2.54 +/- 0.3
12.70 +/- 0.3
12.7 +/- 0.3
7.62 max
xxx
Features
Will Handle up to 8.0A
Suitable for Pick and Place
Withstands Solder Reflow
High Performance Shielded Design
Applications
DC/DC Converters
Output Power Chokes
High Current Applications
Packaging
Reel Diameter: 13"
Reel Width:
32mm
Pieces Per Reel: 250
Mechanical
Electrical Specifications
1. Tested @ 100kHz, 0.1Vrms.
2. Inductance drop = 10% at rated
I
dc max.
3. Operating temperature range:
-40ºC to +85˚C.
4. Electrical specifications at 25˚C.
5. Meets UL 94V-0.
Inductance1
(uH +/- 20%)
10
15
22
33
47
68
100
150
220
330
470
680
1,000
LS5022-100-RM
LS5022-150-RM
LS5022-220-RM
LS5022-330-RM
LS5022-470-RM
LS5022-680-RM
LS5022-101-RM
LS5022-151-RM
LS5022-221-RM
LS5022-331-RM
LS5022-471-RM
LS5022-681-RM
LS5022-102-RM
Part
Number
0.040
0.048
0.059
0.075
0.097
0.138
0.207
0.293
0.47
0.78
1.08
1.40
2.01
DCR max
(
Ω)
8.0
7.0
6.0
5.0
4.0
3.0
2.4
2.1
1.9
1.1
1.1
0.96
0.80
I
dc max
2
(A)
12.45
2.92
TOP VIEW
Unit: mm
LS5022 Series
Surface Mount Power Inductors
49
(04/08) LS-3


同様の部品番号 - LS5022-102-RM

メーカー部品番号データシート部品情報
logo
ice Components, Ins.
LS5022-102-RM ICE-LS5022-102-RM Datasheet
629Kb / 1P
   Surface Mount Power Inductors
More results

同様の説明 - LS5022-102-RM

メーカー部品番号データシート部品情報
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com