データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD09B データシート(PDF) 1 Page - BeRex Corporation

部品番号 BD09B
部品情報  Dedicated Band 2-Way SMT Power Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEREX [BeRex Corporation]
ホームページ  http://www.berex.com
Logo BEREX - BeRex Corporation

BD09B データシート(HTML) 1 Page - BeRex Corporation

  BD09B Datasheet HTML 1Page - BeRex Corporation BD09B Datasheet HTML 2Page - BeRex Corporation BD09B Datasheet HTML 3Page - BeRex Corporation BD09B Datasheet HTML 4Page - BeRex Corporation BD09B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Typical Isolation = 23 dB
Typical Insertion Loss = 0.5 dB
MSL 1 moisture rating
Lead-free/RoHS-compliant SOIC-8 Plastic Package
With exposed back side ground pad
BeRex’s Divider BD09B is designed for Cellu-
lar & GSM band with low Insertion Loss and
Isolation. This chip is fully passivated for en-
hanced performance and reliability and
packaged in RoHS-compliant with SOIC-8
surface mount package.
It can be used without back side ground sol-
dering. (This may degrade the performance
at the high frequency edge.)
Product Description
Device Features
 Base station Infrastructure
 Commercial/Industrial/Military wireless system
Applications
Evaluation Board Drawing
Typical Performance
1
Absolute Maximum Ratings
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Parameter
Min
Typical
Max
Unit
Frequency Range
700
1000
MHz
Insertion Loss
0.5
0.8
dB
Isolation
15
23
dB
IRL(S11)
-20
-15
dBm
ORL(S22/S33)
-23
-15
dBm
Amplitude Balance
0.05
0.2
dB
Phase Balance
0.2
0.5
deg
Parameter
Rating
Input Power
1W CW dBm
Storage Temperature
-55 to +155°C
Operating Temperature
-40 to +85°C
Operation of this device above any of these parameters may result in permanent damage.
Rev. C
*All specifications apply to the following test conditions,
1. Device performance _ measured on BeRex E/B at 25
°C, 50ohm system.
2. Insertion Loss: Above 3.0dB.
3. Back side ground _ soldered.
Function Block Diagram
Pins 1,3,4,6 and 7 must be DC and RF grounded.
Dedicated Band 2-Way SMT Power Divider
BD09B
700~1000MHz Cellular & GSM900


同様の部品番号 - BD09B

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BD09B BEREX-BD09B Datasheet
262Kb / 5P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD09B BEREX-BD09B Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B Datasheet
559Kb / 6P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_18 Datasheet
559Kb / 6P
   Dedicated Band 2-Way SMT Power Divider
More results

同様の説明 - BD09B

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BD0926 BEREX-BD0926_14 Datasheet
716Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_18 Datasheet
559Kb / 6P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_18 Datasheet
478Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926_1 Datasheet
569Kb / 4P
   Dedicated Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD0926 BEREX-BD0926 Datasheet
169Kb / 4P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD09B BEREX-BD09B Datasheet
262Kb / 5P
   Dedicated Band 2-Way SMT Power Divider 700~1000MHz Cellular & GSM900
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_14 Datasheet
840Kb / 5P
   Quadruple Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com