データシートサーチシステム |
|
1N967B データシート(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
1N967B データシート(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
2 / 4 page Number: DB-072 Apr. 2010 / D Page 2 L i c e n s e d b y O N S e m i c o n d u c t o r , A t r a d e m a r k o f s e m i c o n d u c t o r C o m p o n e n t s I n d u s t r i e s , L L C f o r Z e n e r T e c h n o l o g y a n d P r o d u c t s . TAK CHEONG ® ELECTRICAL CHARACTERIZATION (TA = 25°C unless otherwise noted) Zener Voltage (Note 3.) Zener Impedance (Note 4.) Leakage Current VZ (Volts) @IZT ZZT @IZT ZZK @IZK IR @VR = 1V IZM (Note 5.) Device (Note 2.) Device Marking Min Nom Max (mA) (Ω) (Ω) (mA) (uA) (Volts) (mA) 1N957B 1N958B 1N959B 1N960B 1N961B 1N957B 1N958B 1N959B 1N960B 1N961B 6.460 7.125 7.790 8.645 9.500 6.8 7.5 8.2 9.1 10 7.140 8.875 8.610 9.555 10.500 18.5 16.5 15 14 12.5 4.5 5.5 6.5 7.5 8.5 700 700 700 700 700 1 0.5 0.5 0.5 0.25 150 75 50 25 10 5.2 5.7 6.2 6.9 7.6 47 42 38 35 32 1N962B 1N963B 1N964B 1N965B 1N966B 1N962B 1N963B 1N964B 1N965B 1N966B 10.45 11.40 12.35 14.25 15.20 11 12 13 15 16 11.55 12.60 13.65 15.75 16.8 11.5 10.5 9.5 8.5 7.8 9.5 11.5 13 16 17 700 700 700 700 700 0.25 0.25 0.25 0.25 0.25 5 5 5 5 5 8.4 9.1 9.9 11.4 12.2 28 26 24 21 19 1N967B 1N968B 1N969B 1N967B 1N968B 1N969B 17.10 19.00 20.90 18 20 22 18.90 21.00 23.10 7 6.2 5.6 21 25 29 750 750 750 0.25 0.25 0.25 5 5 5 13.7 15.2 16.7 17 15 14 VF Forward Voltage = 1.5V max @ IF = 200mA for all types 2. TOLERANCE AND VOLTAGE DESIGNATION The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. ZENER IMPEDANCE (ZZ) DERIVATION ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz. 5. MAXIMUM ZENER CURRENT RATINGS (IZM) Values shown are based on the JEDEC rating of 400mW where the actual zener voltage (VZ) is known at the operation point, the zener current may be increased and is limited by the derating curve. |
同様の部品番号 - 1N967B |
|
同様の説明 - 1N967B |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |