データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1008D750HN データシート(PDF) 9 Page - NXP Semiconductors

部品番号 DAC1008D750HN
部品情報  Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D750HN データシート(HTML) 9 Page - NXP Semiconductors

Back Button DAC1008D750HN Datasheet HTML 5Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 6Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 7Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 8Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 9Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 10Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 11Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 12Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
DAC1008D750
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 5 January 2011
9 of 99
NXP Semiconductors
DAC1008D750
2
×, 4× or 8× interpolating DAC with JESD204A
Analog outputs (IOUTAP, IOUTAN, IOUTBP, IOUTBN)
IO(fs)
full-scale output
current
register value = 00h
(see Table 13 and Table 14)
D-
1.6
-
mA
register = default value
(see Table 13 and Table 14)
-20
-
mA
VO
output voltage
compliance range
D
1.8
-
VDDA(3V3) V
Ro
output resistance
D
-
250
-
k
Ω
Co
output capacitance
D
-
3
-
pF
ΔEO
offset error variation
D
-
6
-
ppm/
°C
ΔEG
gain error variation
D
-
18
-
ppm/
°C
Reference voltage output (GAPOUT)
VO(ref)
reference output
voltage
C
1.20
1.25
1.29
V
IO(ref)
reference output
current
external voltage 1.2 V
C
-
40
-
μA
ΔVO(ref)
reference output
voltage variation
C-
117
-
ppm/
°C
Analog auxiliary outputs (AUXAP, AUXAN, AUXBP and AUXBN)
IO(aux)
auxiliary output current differential outputs
I
-
2.2
-
mA
VO(aux)
auxiliary output
voltage
compliance range
D
0
-
2
V
NDAC(aux)mono
auxiliary DAC
monotonicity
guaranteed
D
-
10
-
bits
Input timing (Vin_p/Vin_n)
fdata
data rate
2
× interpolation
D
-
-
312.5
Msps
4
× interpolation
D
-
-
187.5
Msps
8
× interpolation
D
-
-
93.75
Msps
fbit
bit rate
serial input
D
0.7
-
3.125
Gbps
Output timing (IOUTAP, IOUTAN, IOUTBP, IOUTBN)
fs
sampling rate
D
-
-
750
Msps
ts
settling time
up to 0.5 LSB
D
-
20
-
ns
NCO frequency range; fs = 750 Msps
fNCO
NCO frequency
register value = 00000000h
(see Table 21 to Table 24)
D-
0
-
MHz
register value = FFFFFFFFh
(see Table 21 to Table 24)
D
-
750
-
MHz
fstep
step frequency
D
-
0.175
-
Hz
Low power NCO frequency range; fs = 750 Msps
fNCO
NCO frequency
reg value = 00000000h
(see Table 21 to Table 24)
D-
0
-
MHz
reg value = F8000000h
(see Table 21 to Table 24)
D
-
726.4
-
MHz
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.13 V to 3.47 V; AGND and GND are shorted together; Tamb =
40 °C to
+85
°C; typical values measured at VDDA(1V8) =VDDD =1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 °C; RL =50 Ω; IO(fs) =20mA;
maximum sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


同様の部品番号 - DAC1008D750HN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1008D750HN NXP-DAC1008D750HN Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
logo
Renesas Technology Corp
DAC1008D750HN RENESAS-DAC1008D750HN Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

同様の説明 - DAC1008D750HN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com