データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1408D650HN データシート(PDF) 4 Page - NXP Semiconductors

部品番号 DAC1408D650HN
部品情報  Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1408D650HN データシート(HTML) 4 Page - NXP Semiconductors

  DAC1408D650HN Datasheet HTML 1Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 2Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 3Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 4Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 5Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 6Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 7Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 8Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
DAC1408D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 26 November 2010
4 of 98
NXP Semiconductors
DAC1408D650
2
, 4 or 8 interpolating DAC with JESD204A
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration
005aaa150
DAC1408D650HN
Transparent top view
AGND
VDDA(3V3)
AGND
VDDA(3V3)
AUXBP
AUXAP
AUXBN
AUXAN
AGND
AGND
VDDA(1V8)
VDDA(1V8)
VDDA(1V8)
VDDA(1V8)
GAPOUT
AGND
VIRES
CLKINP
n.c.
CLKINN
RESET_N
AGND
SCS_N
VDDA(1V8)
VDDD(1V8)
MDS_P
SCLK
MDS_N
SDIO
VDDD(1V8)
SDO
n.c.
16
33
15
34
14
35
13
36
12
37
11
38
10
39
9
40
8
41
7
42
6
43
5
44
4
45
3
46
2
47
1
48
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
SDO
1
O
SPI data output
SDIO
2
I/O
SPI data input/output
SCLK
3
I
SPI clock
VDDD(1V8)
4
P
digital supply voltage 1.8 V
SCS_N
5
I
SPI chip select (active LOW)
RESET_N
6
I
general reset (active LOW)
n.c.
7
-
not connected
VIRES
8
I/O
DAC biasing resistor
GAPOUT
9
I/O
band gap input/output voltage
VDDA(1V8)
10
P
analog supply voltage 1.8 V
VDDA(1V8)
11
P
analog supply voltage 1.8 V


同様の部品番号 - DAC1408D650HN

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1408D650HN NXP-DAC1408D650HN Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1408D650HN IDT-DAC1408D650HN Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650HN RENESAS-DAC1408D650HN Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

同様の説明 - DAC1408D650HN

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
   Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1008D750 RENESAS-DAC1008D750 Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D750 RENESAS-DAC1208D750 Datasheet
730Kb / 96P
   Dual 12-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com