データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4763A データシート(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

部品番号 1N4763A
部品情報  1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
ホームページ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4763A データシート(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N4763A Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4763A Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4763A Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4763A Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Number: DB-070
Sep.2010 / F
Page 1
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
1 Watt DO-41 Hermetically
Sealed Glass Zener Voltage
Regulators
Maximum Ratings
Rating
Symbol
Value
Units
Maximum Steady State Power Dissipation
@TL≤50℃, Lead Length = 3/8”
Derate Above 50℃
PD
1
6.67
W
mW/℃
Operating and Storage
Temperature Range
TJ, Tstg
-65 to +200
°C
Specification Features:
Zener Voltage Range = 3.3V to 100V
ESD Rating of Class 3 (>6 KV) per Human Body Model
DO-41 Package (DO-204AL)
Double Slug Type Construction
Metallurgical Bonded Construction
Oxide Passivated Die
RoHS Compliant
Solder Hot Dip Tin (Sn) Lead Finish
Specification Features:
Case
: Double slug type, hermetically sealed glass
Finish
: All external surfaces are corrosion resistant and leads are readily solderable
Polarity : Cathode indicated by polarity band
Mounting: Any
Cathode
Anode
L
= Logo
1N47xxA
= Device Code
L
1N
47
xx
A


同様の部品番号 - 1N4763A

メーカー部品番号データシート部品情報
logo
Rugao Dachang Electroni...
1N4763A DACHANG-1N4763A Datasheet
121Kb / 2P
   High stability and high reliability
logo
Transys Electronics
1N4763A TRSYS-1N4763A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Vishay Siliconix
1N4763A VISHAY-1N4763A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Jinan Gude Electronic D...
1N4763A JGD-1N4763A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Jiangsu High diode Semi...
1N4763A HDSEMI-1N4763A Datasheet
1Mb / 5P
   DO-4 1 Glass-Encapsulate Diodes
More results

同様の説明 - 1N4763A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com