データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103CW データシート(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

部品番号 SD103CW
部品情報  400mW SOD-123 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
ホームページ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

SD103CW データシート(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  SD103CW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103CW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103CW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103CW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Number: DB-223
Nov. 2010 Revision B
Page 3
TAK CHEONG
®
SEMICONDUCTOR
SOD-123 Package Outline
Note: Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.


同様の部品番号 - SD103CW

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
SD103CW DIOTEC-SD103CW Datasheet
131Kb / 2P
   SMD Schottky Barrier Diodes
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Micro Commercial Compon...
SD103CW MCC-SD103CW Datasheet
209Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Guangdong Kexin Industr...
SD103CW KEXIN-SD103CW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Shenzhen Luguang Electr...
SD103CW LUGUANG-SD103CW Datasheet
114Kb / 2P
   400mW Schottky Barrier Switching Diode
More results

同様の説明 - SD103CW

メーカー部品番号データシート部品情報
logo
Tak Cheong Electronics ...
BAT54W TAK_CHEONG-BAT54W Datasheet
123Kb / 4P
   400mW SOD-123 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
BAT42W TAK_CHEONG-BAT42W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
RB500V-40 TAK_CHEONG-RB500V-40 Datasheet
149Kb / 4P
   SOD-323 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
TCRB521S-30 TAK_CHEONG-TCRB521S-30 Datasheet
578Kb / 3P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Rectron Semiconductor
RB520S-40 RECTRON-RB520S-40 Datasheet
422Kb / 5P
   200mW Sod-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Tak Cheong Electronics ...
TCRB520S-30 TAK_CHEONG-TCRB520S-30 Datasheet
107Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
RB751V-40 TAK_CHEONG-RB751V-40 Datasheet
120Kb / 4P
   200mW SOD-323 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
BAT54XV2 TAK_CHEONG-BAT54XV2 Datasheet
117Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
TCRB521S-30 TAK_CHEONG-TCRB521S-30_10 Datasheet
177Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
BAT42XV2 TAK_CHEONG-BAT42XV2 Datasheet
117Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com