データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1N4745A データシート(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

部品番号 TC1N4745A
部品情報  1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
ホームページ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N4745A データシート(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N4745A Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4745A Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4745A Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4745A Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N4745A Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-031
July 2010/ G
Page 1
TAK CHEONG
®
S EM IC OND UC TOR
1 Watt DO-41 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Storage Temperature Range
-65 to +200
°C
Maximum Junction Operating Temperature
+200
°C
Total Device Dissipation
1.0
Watt
Thermal Resistance Junction to Lead
53.5
°C / W
Thermal Resistance Junction to Ambient
100
°C / W
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 3.3 to 56 Volts
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Terminal Finish
Cathode Indicated By Polarity Band
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
()
Max
IZK
(mA)
ZZK @ IZK
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TC1N4728A
3.3
76
10
1
400
100
1
TC1N4729A
3.6
69
10
1
400
100
1
TC1N4730A
3.9
64
9
1
400
50
1
TC1N4731A
4.3
58
9
1
400
10
1
TC1N4732A
4.7
53
8
1
500
10
1
TC1N4733A
5.1
49
7
1
550
10
1
TC1N4734A
5.6
45
5
1
600
10
2
TC1N4735A
6.2
41
2
1
700
10
3
TC1N4736A
6.8
37
3.5
1
700
10
4
TC1N4737A
7.5
34
4
0.5
700
10
5
TC1N4738A
8.2
31
4.5
0.5
700
10
6
TC1N4739A
9.1
28
5
0.5
700
10
7
TC1N4740A
10
25
7
0.25
700
10
7.6
TC1N4741A
11
23
8
0.25
700
5
8.4
TC1N4742A
12
21
9
0.25
700
5
9.1
TC1N4743A
13
19
10
0.25
700
5
9.9
TC1N4744A
15
17
14
0.25
700
5
11.4
Cathode
Anode
ELECTRICAL SYMBOL
AXIAL LEAD
DO41
L
1N
47
xx
T
DEVICE MARKING DIAGRAM
L
: Logo
Device Code
: TC1N47xxT
VZ Tolerance (T) : A = ±5%
C = ±2%


同様の部品番号 - TC1N4745A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC1N4745A ETC1-TC1N4745A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4745A TAK_CHEONG-TC1N4745A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

同様の説明 - TC1N4745A

メーカー部品番号データシート部品情報
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com