データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1524ACTDE3 データシート(PDF) 11 Page - Gennum Corporation

部品番号 GS1524ACTDE3
部品情報  Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524ACTDE3 データシート(HTML) 11 Page - Gennum Corporation

Back Button GS1524ACTDE3 Datasheet HTML 7Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 8Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 9Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 10Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 11Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 12Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 13Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 14Page - Gennum Corporation GS1524ACTDE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
GS1524A Adaptive Cable Equalizer
Data Sheet
28852 - 5
June 2009
11 of 16
4.1 Serial Digital Inputs
The serial data signal may be connected to the input pins (SDI/SDI) in either a
differential or single ended configuration. AC coupling of the inputs is recommended, as
the SDI and SDI inputs are internally biased at approximately 1.8V.
4.2 Cable Equalization
The input signal passes through a variable gain equalizing stage whose frequency
response closely matches the inverse of the cable loss characteristic. In addition, the
variation of the frequency response with control voltage imitates the variation of the
inverse cable loss characteristic with cable length.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by both an internal and
an external AGC filter capacitor providing a steady control voltage for the gain stage. As
the frequency response of the gain stage is automatically varied by the application of
negative feedback, the edge energy of the equalized signal is kept at a constant level
which is representative of the original edge energy at the transmitter. The equalized
signal is also DC restored, effectively restoring the logic threshold of the equalized signal
to its correct level independent of shifts due to AC coupling. The digital output signals
have a nominal voltage of 750mVpp differential, or 375mVpp single ended when
terminated with 50Ω as shown in Figure 4-1.
Figure 4-1: Typical Output Voltage Levels
4.3 Programmable Mute Output and Cable Length Indicator
For SMPTE 259M inputs, the GS1524A incorporates a programmable threshold output
mute (MCLADJ) and an analog cable length indicator (CLI).
50
50
SDO
SDO
+187.5mV
-187.5mV
VCM = 2.925V
typical
+187.5mV
-187.5mV
VCM = 2.925V
typical


同様の部品番号 - GS1524ACTDE3

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
logo
Semtech Corporation
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

同様の説明 - GS1524ACTDE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com