データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1559 データシート(PDF) 8 Page - Gennum Corporation

部品番号 GS1559
部品情報  HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1559 データシート(HTML) 8 Page - Gennum Corporation

Back Button GS1559_08 Datasheet HTML 4Page - Gennum Corporation GS1559_08 Datasheet HTML 5Page - Gennum Corporation GS1559_08 Datasheet HTML 6Page - Gennum Corporation GS1559_08 Datasheet HTML 7Page - Gennum Corporation GS1559_08 Datasheet HTML 8Page - Gennum Corporation GS1559_08 Datasheet HTML 9Page - Gennum Corporation GS1559_08 Datasheet HTML 10Page - Gennum Corporation GS1559_08 Datasheet HTML 11Page - Gennum Corporation GS1559_08 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
GS1559 HD-LINX™ II Multi-Rate Deserializer with
Loop-Through Cable Driver
Data Sheet
30572 - 8
July 2008
8 of 71
B7
FW_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the noise immune Flywheel of the device.
When set HIGH, the internal Flywheel is enabled. This Flywheel is used
in the extraction and generation of TRS timing signals, in automatic
video standards detection, and in manual switch line lock handling.
When set LOW, the internal Flywheel is disabled and TRS correction
and insertion is unavailable.
B8, F8, J8
IO_GND
Power
Ground connection for digital I/O buffers. Connect to digital GND.
C1
BUFF_VDD
Power
Power Supply connection for the Serial Digital Input buffers. Connect
to +1.8V DC analog.
C2
PD_VDD
Power
Power Supply connection for the Phase Detector. Connect to +1.8V DC
analog.
C3
PDBUFF_GND
Power
Ground connection for the Phase Detector and Serial Digital Input
buffers. Connect to analog GND.
C6
MASTER/SLAVE
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to determine the input / output selection for the DVB_ASI, SD/HD,
RC_BYP and SMPTE_BYPASS pins.
When set HIGH, the GS1559 is set to operate in Master mode where
SD/HD, RC_BYP and SMPTE_BYPASS become status signal output pins
set by the device. In this mode, the GS1559 will automatically detect,
reclock, deserialize and process SD SMPTE and HD SMPTE input data.
When set LOW, the GS1559 is set to operate in Slave mode where
DVB_ASI, SD/HD, RC_BYP and SMPTE_BYPASS become control signal
input pins. In this mode, the application layer must set these external
device pins for the correct reception of either SMPTE or DVB-ASI data.
Slave mode also supports the reclocking and deserializing of data not
conforming to SMPTE or DVB-ASI streams.
C7
RC_BYP
Non
Synchronous
Input
/Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in Slave mode, and
will be an output set by the device in Master mode.
Master mode (MASTER/SLAVE = HIGH)
The RC_BYP signal will be HIGH only when the device has successfully
locked to a SMPTE compliant input data stream. In this case, the serial
digital loop-through output will be a reclocked version of the input.
The RC_BYP signal will be LOW whenever the input does not conform
to a SMPTE compliant data stream. In this case, the serial digital
loop-through output will be a buffered version of the input.
Slave mode (MASTER/SLAVE = LOW)
When set HIGH, the serial digital output will be a reclocked version of
the input signal regardless of whether the device is in SMPTE, DVB-ASI
or Data-Through mode.
When set LOW, the serial digital output will be a buffered version of
the input signal in all modes.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


同様の部品番号 - GS1559_08

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1559-CB GENNUM-GS1559-CB Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1559-CBE2 GENNUM-GS1559-CBE2 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results

同様の説明 - GS1559_08

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com