データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS4911B データシート(PDF) 10 Page - Gennum Corporation

部品番号 GS4911B
部品情報  HD/SD/Graphics Clock and Timing Generator with GENLOCK
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4911B データシート(HTML) 10 Page - Gennum Corporation

Back Button GS4911B_09 Datasheet HTML 6Page - Gennum Corporation GS4911B_09 Datasheet HTML 7Page - Gennum Corporation GS4911B_09 Datasheet HTML 8Page - Gennum Corporation GS4911B_09 Datasheet HTML 9Page - Gennum Corporation GS4911B_09 Datasheet HTML 10Page - Gennum Corporation GS4911B_09 Datasheet HTML 11Page - Gennum Corporation GS4911B_09 Datasheet HTML 12Page - Gennum Corporation GS4911B_09 Datasheet HTML 13Page - Gennum Corporation GS4911B_09 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 119 page
background image
GS4911B/GS4910B HD/SD/Graphics Clock and Timing
Generator with GENLOCK
Data Sheet
36655 - 5
June 2009
10 of 119
1.3 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
1LOCK_LOSTNon
Synchronous
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be HIGH if the output is not genlocked to the input.
The GS4911B/GS4910B monitors the output pixel/line counters, as
well as the internal lock status from the genlock block and asserts
LOCK_LOST HIGH if it is determined that the output is not
genlocked to the input. This pin will be LOW if the device
successfully genlocks the output clock and timing signals to the
input reference.
If LOCK_LOST is LOW, the reference timing generator outputs will
be phase locked to the detected reference signal, producing an
output in accordance with the video standard selected by the
VID_STD[5:0] pins.
2REF_LOSTNon
Synchronous
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be HIGH if:
• No input reference signal is applied to the device; or
• The input reference applied does not meet the
minimum/maximum timing requirements described in
Section 3.5.2 on page 46.
This pin will be LOW otherwise.
If the reference signal is removed when the device is in Genlock
mode, REF_LOST will go HIGH and the GS4911B/GS4910B will enter
Freeze mode (see Section 3.2.1.2 on page 41).
3
VID_PLL_VDD
Power
Supply
Most positive power supply connection for the video clock synthesis
internal block. Connect to +1.8V DC.
4
VID_PLL_GND
Power
Supply
Ground connection for the video clock synthesis internal block.
Connect to GND.
5
XTAL_VDD
Power
Supply
Most positive power supply connection for the crystal buffer.
Connect to either +1.8V DC or +3.3V DC.
NOTE: Connect to +3.3V for minimum output PCLK jitter.
6
X1
Non
Synchronous
Input
ANALOG SIGNAL INPUT
Connect to a 27MHz crystal or a 27MHz external clock source. See
Figure 1-1.
7X2
Non
Synchronous
Output
ANALOG SIGNAL OUTPUT
Connect to a 27MHz crystal, or leave this pin open circuit if an
external clock source is applied to pin 6. See Figure 1-1.
8XTAL_GND
Power
Supply
Ground connection for the crystal buffer. Connect to GND.


同様の部品番号 - GS4911B_09

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS4911BCNE3 GENNUM-GS4911BCNE3 Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
More results

同様の説明 - GS4911B_09

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
   DUAL GRAPHICS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com