データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS4915 データシート(PDF) 10 Page - Gennum Corporation

部品番号 GS4915
部品情報  ClockCleaner
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4915 データシート(HTML) 10 Page - Gennum Corporation

Back Button GS4915_09 Datasheet HTML 6Page - Gennum Corporation GS4915_09 Datasheet HTML 7Page - Gennum Corporation GS4915_09 Datasheet HTML 8Page - Gennum Corporation GS4915_09 Datasheet HTML 9Page - Gennum Corporation GS4915_09 Datasheet HTML 10Page - Gennum Corporation GS4915_09 Datasheet HTML 11Page - Gennum Corporation GS4915_09 Datasheet HTML 12Page - Gennum Corporation GS4915_09 Datasheet HTML 13Page - Gennum Corporation GS4915_09 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
GS4915 ClockCleaner™
Data Sheet
39145 - 5
June 2009
10 of 27
2.3 AC Electrical Characteristics
Clock Output Drive Current
1.8V operation
10
mA
2,3,4
3.3V operation
8
mA
2,3,4
Differential Input Common Mode
Voltage
VICM
1.12
1.25
1.38
V
Differential Input Swing
VIDIFF
240
350
460
mV
Differential Clock Output
Common Mode Voltage
VOCM
100
Ω termination
between CLKOUT and
CLKOUT
–1.45–
V
Differential Clock Output Swing
VODIFF
100
Ω termination
between CLKOUT and
CLKOUT
250
350
460
mV
6
NOTES:
1. For all LVCMOS compatible inputs.
2. For LVCMOS compatible output SE_CLK.
3. For LVCMOS compatible output LOCK.
4. While still satisfying VOL max and VOH min.
5. IO_VDD refers to the power supply that supplies the particular pin in question. D_VDD supplies pins 10-21. IN_VDD supplies CLKIN_SE.
SE_VDD supplies CLKOUT_SE.
6. Differential swing as defined here:
Table 2-1: DC Electrical Characteristics (Continued)
VDD = 1.8V ±5%, 3.3V ±5%; TA = -20ºC to 85ºC, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
VOCM
0V
CLKOUT
CLKOUT
CLKOUT - CLKOUT
VODIFF
+VODIFF
-VODIFF
Table 2-2: AC Electrical Characteristics
VDD = 1.8V ±5%, TA = 0ºC to 70ºC, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Input Jitter Tolerance
IJT
< 0.5Hz
-10
10
UI
1
0.5Hz to 1Hz
-5
5
UI
1
1Hz to 100Hz
-1
1
UI
1
> 100Hz
-0.1
0.1
UI
1


同様の部品番号 - GS4915_09

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS4915-INE3 GENNUM-GS4915-INE3 Datasheet
648Kb / 26P
   ClockCleaner?
More results

同様の説明 - GS4915_09

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com