データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3013 データシート(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

部品番号 2SK3013
部品情報  VX-2 Series Power MOSFET(600V 16A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
ホームページ  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK3013 データシート(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SK3013 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SHINDENGEN
2SK3013
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
(FP16W60VX2)
600V 16A
Case : E-pack
VX-2 Series Power MOSFET
N-Channel Enhancement type
(Unit : mm)
Case : ITO-3P
Switching power supply of
AC 100-200V input
Inverter
Power Factor Control Circuit
APPLICATION
Input capacitance (Ciss) is small.
Especially, input capacitance
at 0 biass is small.
The static Rds(on) is small.
The switching time is fast.
Avalanche resistance guaranteed.
FEATURES
●Absolute Maximum Ratings (Tc = 25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
Channel Temperature
Tch
150
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
Continuous Drain Current(DC)
ID
16
Continuous Drain Current(Peak)
IDP
48
A
Continuous Source Current(DC)
IS
16
Total Power Dissipation
PT
70
W
Single Pulse Avalanche Current
IAS
Tch = 25℃
16A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR
(Recommended torque : 0.5N・m)
0.8
N・m


同様の部品番号 - 2SK3013

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK3013 ISC-2SK3013 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK3013

メーカー部品番号データシート部品情報
logo
Shindengen Electric Mfg...
2SK3012 SHINDENGEN-2SK3012 Datasheet
429Kb / 12P
   VX-2 Series Power MOSFET(600V 12A)
2SK2564 SHINDENGEN-2SK2564 Datasheet
443Kb / 12P
   VX-2 Series Power MOSFET(600V 8A)
2SK3009 SHINDENGEN-2SK3009 Datasheet
391Kb / 10P
   VX-2 Series Power MOSFET(600V 8A)
F12F50VX2 SHINDENGEN-F12F50VX2 Datasheet
155Kb / 10P
   VX-2 SERIES POWER MOSFET
2SK2180 SHINDENGEN-2SK2180 Datasheet
274Kb / 6P
   VX-2 Series Power MOSFET(500V3A)
2SK2185 SHINDENGEN-2SK2185 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V5A)
2SK2563 SHINDENGEN-2SK2563 Datasheet
442Kb / 12P
   VX-2 Series Power MOSFET(600V4A)
2SK2186 SHINDENGEN-2SK2186 Datasheet
396Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com