データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6NSR160 データシート(PDF) 1 Page - Naina Semiconductor ltd.

部品番号 6NSR160
部品情報  Standard Recovery Diodes (Stud Version)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NAINA [Naina Semiconductor ltd.]
ホームページ  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

6NSR160 データシート(HTML) 1 Page - Naina Semiconductor ltd.

  6NSR160 Datasheet HTML 1Page - Naina Semiconductor ltd. 6NSR160 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Standard Recovery Diodes (Stud Version)
Features
Diffused Series
Industrial grade
Available in Normal and Reverse polarity
Metric and UNF thread type
Electrical Specifications (TE = 25
0C, unless otherwise noted)
Symbol
Parameters
IF(AV)
Maximum avg. forward current @ T
150
OC
VFM
Maximum peak forward voltage drop
@ rated IF(AV)
IFSM
Maximum peak one cycle (non-rep)
surge current @ 10 msec
IFRM
Maximum peak repetitive surge
current
I
2t
Maximum I
2t rating (non-rep) for 5 to
10 msec
Electrical Ratings (TE = 25
0C, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
10
100
20
200
40
400
60
600
6NS(R)
80
800
100
1000
120
1200
140
1400
160
1600
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Standard Recovery Diodes (Stud Version)
Available in Normal and Reverse polarity
DO-203AA (DO
C, unless otherwise noted)
Values
Units
Maximum avg. forward current @ TE =
6
A
Maximum peak forward voltage drop
1.2
V
rep)
175
A
30
A
rep) for 5 to
150
A
2sec
C, unless otherwise noted)
VR(RMS), Maximum
RMS reverse
voltage
(V)
VR, Maximum
DC blocking
voltage
(V)
Recommended RMS
working voltage
(V)
70
100
40
140
200
80
280
400
160
420
600
240
560
800
320
700
1000
400
840
1200
480
980
1400
560
1120
1600
640
6NS(R)
4205450
Fax: 0120-4273653
www.nainasemi.com
Standard Recovery Diodes (Stud Version)
203AA (DO-4)
Recommended RMS
working voltage
(V)
IR(AV), Maximum
avg. reverse
leakage current
(µA)
40
80
160
240
320
100
400
480
560
640


同様の部品番号 - 6NSR160

メーカー部品番号データシート部品情報
logo
RUBYCON CORPORATION
6NSX47M RUBYCON-6NSX47M Datasheet
82Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Naina Semiconductor ltd...
6NS NAINA-6NS_17 Datasheet
651Kb / 2P
   Standard Recovery Diodes (Stud Version), 6A
More results

同様の説明 - 6NSR160

メーカー部品番号データシート部品情報
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com