データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBMT280-HF データシート(PDF) 1 Page - Comchip Technology

部品番号 CDBMT280-HF
部品情報  Low Profile SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMT280-HF データシート(HTML) 1 Page - Comchip Technology

  CDBMT280-HF Datasheet HTML 1Page - Comchip Technology CDBMT280-HF Datasheet HTML 2Page - Comchip Technology CDBMT280-HF Datasheet HTML 3Page - Comchip Technology CDBMT280-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O
Maximum Ratings (at TA=25 C unless otherwise noted)
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
Forward rectified current
Maximum forward voltage
@ IF=2.0A
Max. Forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
Max.Reverse current
VR=VRRM TJ=25°C
Typ. Thermal resistance
Typ. Diode Junction capacitance (Note 1)
Reverse Voltage: 20 to 100 Volts
Forward Current: 2.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
CDBMT220-HF Thru. CDBMT2100-HF
Page 1
QW-JB026
Low Profile SMD Schottky Barrier Rectifiers
REV: A
Comchip Technology CO., LTD.
SOD-123H
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJA
CJ
TJ
CDBMT
220-HF
CDBMT
240-HF
CDBMT
260-HF
CDBMT
280-HF
CDBMT
2100-HF
20
20
14
40
40
28
60
60
42
2.0
0.70
50
0.5
10
85
80
80
56
100
100
70
V
V
V
A
V
A
mA
O
C/W
OC
0.50
0.85
Note :
Operating temperature
Storage temperature range
TSTG
-65 to +175
OC
-55 to +125
-55 to +150
160
P
F
CDBMT
230-HF
30
30
21
CDBMT
250-HF
50
50
35
SMD Diodes Specialist
1. F=1MHz and applied 4V DC reverse voltage
VR=VRRM TJ=100°C
0.031(0.8) Typ.
(Junction to ambient)
Features
Mechanical data
-Case: Molded plastic, SOD-123H/MINI SMA
-Terminals: Solderable per MIL-STD-750, Method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.011 grams approx.
-Mounting Position: any
-Epoxy: UL94-V0 rated flame retardant.
Halogen Free
-Low power loss,high efficiency.
-High current capability,low forward voltage drop.
-High surge capability.
-Guarding for overvoltage protection.
-Ultra high-speed switching.
-Excellent power dissipation offers better reverse
leakage current and thermal resistance.
-Low profile package is 40% thinner than standards
SOD-123.
-Silicon epitaxial planar chip,metal silicon junction.
-Lead-free part meets environmental standards of
MIL-STD-19500/228


同様の部品番号 - CDBMT280-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBMT280-HF COMCHIP-CDBMT280-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
More results

同様の説明 - CDBMT280-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBMT120-HF COMCHIP-CDBMT120-HF_12 Datasheet
98Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
ACDBMT140-HF COMCHIP-ACDBMT140-HF Datasheet
97Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF COMCHIP-CDBMT120-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT220-HF COMCHIP-CDBMT220-HF_12 Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF_1209 COMCHIP-CDBMT120-HF_1209 Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS220-HF COMCHIP-CDBMTS220-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS120-HF COMCHIP-CDBMTS120-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com