データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBA001D37 データシート(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

部品番号 SMBA001D37
部品情報  COAXIAL CONNECTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JAE [Japan Aviation Electronics Industry, Ltd.]
ホームページ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMBA001D37 データシート(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  SMBA001D37 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SMBA001D37 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
24
COAXIAL CONNECTORS
SMB Series
■PLUG
Intermatable with RECEPTACLE
(21,22 Page)& JACK(23 Page)
Dimensions in millimeters
■Straight
B Ref.
(SHRINKAGE TUBE)
12.5
A
(Note)The picture on the above shows the SMBA001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
SMBA001D37
SMBA002D37
SMBA003DB2
Part Number
A
9
9
5
B
Ref.
20
13
(Note)Procedure for wire connection…See pages 113 to 120
■Right-angle
6
9.7
(Note)The picture on the above shows the SMBB001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
SMBB001D37
SMBB002D37
SMBB003DB2
Part Number
A
9
9
5
B
0.5
0.5
0.5
C
Ref.
20
13
(Note)Procedure for wire connection…See pages 113 to 120


同様の部品番号 - SMBA001D37

メーカー部品番号データシート部品情報
logo
Banner Engineering Corp...
SMBABM BANNER-SMBABM Datasheet
135Kb / 2P
   A80X80QPMA Series Area Lights
SMBABM BANNER-SMBABM Datasheet
162Kb / 3P
   LED..B..M Series Backlights
SMBABM BANNER-SMBABM Datasheet
190Kb / 4P
   LED..B..QPMA Series Backlights
SMBABM BANNER-SMBABM Datasheet
159Kb / 3P
   LED..B..W Series Backlights
SMBACM BANNER-SMBACM Datasheet
135Kb / 2P
   A80X80QPMA Series Area Lights
More results

同様の説明 - SMBA001D37

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Murata Manufacturing Co...
MXHQ87WJ3000 MURATA1-MXHQ87WJ3000 Datasheet
1Mb / 38P
   Microwave Coaxial Connectors
Nov.1,2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com