データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM2485 データシート(PDF) 10 Page - Analog Devices

部品番号 ADM2485
部品情報  High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM2485 データシート(HTML) 10 Page - Analog Devices

Back Button ADM2485_07 Datasheet HTML 6Page - Analog Devices ADM2485_07 Datasheet HTML 7Page - Analog Devices ADM2485_07 Datasheet HTML 8Page - Analog Devices ADM2485_07 Datasheet HTML 9Page - Analog Devices ADM2485_07 Datasheet HTML 10Page - Analog Devices ADM2485_07 Datasheet HTML 11Page - Analog Devices ADM2485_07 Datasheet HTML 12Page - Analog Devices ADM2485_07 Datasheet HTML 13Page - Analog Devices ADM2485_07 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM2485
Rev. A | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
IDD1_RE_ENABLE_VDD1 = 5.5V
IDD2_DE_ENABLE_VDD1 = 5.5V
Figure 7. Unloaded Supply Current vs. Temperature
5.0
4.0
3.0
2.0
1.0
0
4.5
3.5
2.5
1.5
0.5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
IDD1_PROFIBUS LOAD_TxD = 16Mbps_VDD1 = 5.00V
IDD1_PROFIBUS LOAD_TxD = 2Mbps_VDD1 = 5.00V
IDD1_NO LOAD_TxD = 16Mbps_VDD1 = 5.00V
IDD1_NO LOAD_TxD = 2Mbps_VDD1 = 5.00V
Figure 8. Logic Side Supply Current (IDD1 = 1 mA) vs. Temperature
60
40
50
30
20
10
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
IDD2_ PROFIBUS LOAD_TxD = 16Mbps_VDD2 = 5.00V
IDD2_NO LOAD_TxD = 16Mbps_VDD2 = 5.00V
IDD2_NO LOAD_TxD = 2Mbps_VDD2 = 5.00V
IDD2_PROFIBUS LOAD_TxD = 2Mbps_VDD2 = 5.00V
Figure 9. Bus Side Supply Current (IDD2 = 2 mA) vs. Temperature
60
40
50
30
20
10
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
tPLHA
tPLHB
tPHLA
tPHLB
Figure 10. Driver Propagation Delay vs. Temperature
60
40
50
30
20
10
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Rx PROP DELAY,
tPLH_VDD2 = 5.00V
Rx PROP DELAY,
tPHL_VDD2 = 5.00V
Figure 11. Receiver Propagation Delay vs. Temperature
CH1 2.0V Ω
CH3 2.0V Ω
CH2 2.0V Ω M20.0ns 1.25GS/s
IT 8.0ps/pt
A CH3
2.60V
2
3
DI
B
A
Figure 12. Driver/Receiver Propagation Delay, Low to High
(RLDIFF = 54 Ω, CL1 = CL2 = 100 pF)


同様の部品番号 - ADM2485_07

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ-REEL AD-ADM2485BRWZ-REEL Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ-REEL7 AD-ADM2485BRWZ-REEL7 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results

同様の説明 - ADM2485_07

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com