データシートサーチシステム |
|
ADUM3210 データシート(PDF) 1 Page - Analog Devices |
|
ADUM3210 データシート(HTML) 1 Page - Analog Devices |
1 / 20 page Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability Data Sheet ADuM3210/ADuM3211 Rev. E Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2007–2011 Analog Devices, Inc. All rights reserved. FEATURES Enhanced system-level ESD performance per IEC 61000-4-x High temperature operation: 125°C Default low output Narrow body, RoHS-compliant, 8-lead SOIC Low power operation 5 V operation 1.7 mA per channel maximum @ 0 Mbps to 2 Mbps 3.7 mA per channel maximum @ 10 Mbps 7.0 mA per channel maximum @ 25 Mbps 3 V operation 1.5 mA per channel maximum @ 0 Mbps to 2 Mbps 2.5 mA per channel maximum @ 10 Mbps 4.7 mA per channel maximum @ 25 Mbps 3 V/5 V level translation High data rate: dc to 25 Mbps (NRZ) Precise timing characteristics 3 ns maximum pulse-width distortion at 5 V operation 3 ns maximum channel-to-channel matching High common-mode transient immunity: >25 kV/μs Safety and regulatory approvals UL recognition: 2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A VDE Certificate of Conformity DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 VIORM = 560 V peak Qualified for automotive applications APPLICATIONS Size-critical multichannel isolation SPI interface/data converter isolation RS-232/RS-422/RS-485 transceiver isolation Digital field bus isolation Gate drive interfaces Hybrid electric vehicles, battery monitor, and motor drive GENERAL DESCRIPTION The ADuM3210/ADuM3211 are dual-channel, digital isolators based on Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic transformer technology, this isolation component provides outstanding performance charac- teristics superior to alternatives such as optocoupler devices. By avoiding the use of LEDs and photodiodes, iCoupler devices remove the design difficulties commonly associated with opto- couplers. The typical optocoupler concerns regarding uncertain current transfer ratios, nonlinear transfer functions, and temperature and lifetime effects are eliminated with the simple iCoupler digital interfaces and stable performance characteristics. The need for external drivers and other discrete components is eliminated with these iCoupler products. Furthermore, iCoupler devices consume one-tenth to one-sixth the power of optocouplers at comparable signal data rates. The ADuM3210/ADuM3211 isolators provide two independent isolation channels in two channel configurations with data rates up to 25 Mbps (see the Ordering Guide). They operate with 3.3 V or 5 V supply voltages on either side, providing compatibility with lower voltage systems as well as enabling voltage translation functionality across the isolation barrier. The ADuM3210/ ADuM3211 isolators have a default output low characteristic in comparison to the ADuM3200/ ADuM3201 models that have a default output high characteristic. ADuM3210W and ADuM3211W are automotive grade versions qualified for 125°C operation. In comparison to the ADuM120x isolator, the ADuM3210/ ADuM3211 isolators contain various circuit and layout changes providing increased capability relative to system-level IEC 61000-4-x testing (ESD, burst, and surge). The precise capability in these tests for either the ADuM120x or ADuM3210/ADuM3211 products is strongly determined by the design and layout of the user’s board or module. For more information, see the AN-793 Application Note, ESD/Latch-Up Considerations with iCoupler Isolation Products. FUNCTIONAL BLOCK DIAGRAMS ENCODE DECODE ENCODE DECODE VDD1 VIA VIB GND1 VDD2 VOA VOB GND2 1 2 3 4 8 7 6 5 ADuM3210 ENCODE DECODE ENCODE DECODE VDD1 VOA VIB GND1 VDD2 VIA VOB GND2 1 2 3 4 8 7 6 5 ADuM3211 Figure 1. ADuM3210 Functional Block Diagram Figure 2. ADuM3211 Functional Block Diagram Protected by U.S. Patents 5,952,849; 6,873,065; and 7,075,239. |
同様の部品番号 - ADUM3210 |
|
同様の説明 - ADUM3210 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |