データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM4160BRIZ データシート(PDF) 7 Page - Analog Devices

部品番号 ADuM4160BRIZ
部品情報  Full/Low Speed 5 kV USB Digital Isolator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM4160BRIZ データシート(HTML) 7 Page - Analog Devices

Back Button ADuM4160BRIZ Datasheet HTML 3Page - Analog Devices ADuM4160BRIZ Datasheet HTML 4Page - Analog Devices ADuM4160BRIZ Datasheet HTML 5Page - Analog Devices ADuM4160BRIZ Datasheet HTML 6Page - Analog Devices ADuM4160BRIZ Datasheet HTML 7Page - Analog Devices ADuM4160BRIZ Datasheet HTML 8Page - Analog Devices ADuM4160BRIZ Datasheet HTML 9Page - Analog Devices ADuM4160BRIZ Datasheet HTML 10Page - Analog Devices ADuM4160BRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADuM4160
Rev. C | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Storage Temperature (T
ST)
−65°C to +150°C
Ambient Operating Temperature (T
A)
−40°C to +105°C
Supply Voltages (V
BUS1, VBUS2, VDD1,
V
DD2)
1
−0.5 V to +6.5 V
Upsream Input Voltage
(V
UD+,VUD−, VSPU)
1, 2
−0.5 V to V
DD1 + 0.5 V
Downstream Input Voltage
(V
DD+, VDD−, VSPD, VPIN)
1, 2
−0.5 V to V
DD2 + 0.5 V
Average Output Current per Pin3
Side 1 (I
O1)
−10 mA to +10 mA
Side 2 (I
O2)
−10 mA to +10 mA
Common-Mode Transients4
−100 kV/µs to +100 kV/µs
1 All voltages are relative to their respective ground.
2 V
DDI, VBUS1, and VDD2, VBUS2 refer to the supply voltages on the upstream and
downstream sides of the coupler, respectively.
3 See Figure 2 for maximum rated current values for various temperatures.
4 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-
up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 8. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
AC Voltage, Bipolar
Waveform
565
V peak
50-year minimum
lifetime
AC Voltage, Unipolar
Waveform
Basic Insulation
848
V peak
Maximum approved
working voltage per
IEC 60950-1
Reinforced Insulation
846
V peak
Maximum approved
working voltage per
VDE 0884-10
DC Voltage
Basic Insulation
848
V peak
Maximum approved
working voltage per
IEC60950-1
Reinforced Insulation
846
V peak
Maximum approved
working voltage per
VDE 0884-10
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION


同様の部品番号 - ADuM4160BRIZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4160BRIZ AD-ADUM4160BRIZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM4160BRIZ-RL AD-ADUM4160BRIZ-RL Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results

同様の説明 - ADuM4160BRIZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM7510 AD-ADUM7510 Datasheet
265Kb / 12P
   5-Channel, 1 kV Unidirectional Digital Isolator
REV. A
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
   5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3165 AD-ADUM3165 Datasheet
1Mb / 26P
   3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com