データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM3211ARZ-RL7 データシート(PDF) 11 Page - Analog Devices

部品番号 ADuM3211ARZ-RL7
部品情報  Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM3211ARZ-RL7 データシート(HTML) 11 Page - Analog Devices

Back Button ADuM3211ARZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 13Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 14Page - Analog Devices ADuM3211ARZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADuM3210/ADuM3211
Rev. E | Page 11 of 20
PACKAGE CHARACTERISTICS
Table 25.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
1.0
pF
f = 1 MHz
Input Capacitance
CI
4.0
pF
IC Junction-to-Case Thermal Resistance, Side 1
θJCI
46
°C/W
Thermocouple located at center
of package underside
IC Junction-to-Case Thermal Resistance, Side 2
θJCO
41
°C/W
1 The device is considered a 2-terminal device; Pin 1 through Pin 4 are shorted together, and Pin 5 through Pin 8 are shorted together.
REGULATORY INFORMATION
The ADuM3210/ADuM3211 are approved by the organizations listed in Table 26.
Table 26.
UL
CSA
VDE
Recognized under UL 1577
Component Recognition
Program1
Approved under CSA Component Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-122
Single/basic 2500 V rms
isolation voltage
Basic insulation per CSA 60950-1-03 and IEC 60950-1,
400 V rms (566 V peak) maximum working voltage
Reinforced insulation, 560 V peak
Functional insulation per CSA 60950-1-03 and IEC 60950-1,
800 V rms(1131 V peak) maximum working voltage
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM3210/ADuM3211 is proof tested by applying an insulation test voltage ≥ 3000 V rms for 1 second (current leakage detection
limit = 5 μA).
2 In accordance with DIN V VDE V 0884-10, each ADuM3210/ADuM3211 is proof tested by applying an insulation test voltage ≥ 1050 V peak for 1 second (partial
discharge detection limit = 5 pC). An asterisk (*) marking on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 27.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
4.90 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
4.01 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


同様の部品番号 - ADuM3211ARZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADuM3211ARZ-RL7 AD-ADuM3211ARZ-RL7 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
More results

同様の説明 - ADuM3211ARZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com