データシートサーチシステム |
|
ST121022 データシート(PDF) 1 Page - E-SWITCH |
|
ST121022 データシート(HTML) 1 Page - E-SWITCH |
|
1 / 1 page ISOMETRIC ISOMETRIC TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY 100DP1T4B1M1QEH 2:1 8/5/2008 ST121022 A BLR 1 1 PANEL With Standard Locking Ring Without Locking Ring POS. 1 POS. 3 NOTE: 1. ALL DIMENSIONS IN MM [INCH] 2. GENERAL TOLERANCE: X.X=±0.4 X.XX=±0.25 3. TERMINAL NUMBERS FOR REF ONLY 4. PLATING MATERIAL: SILVER 5. RATING: 5AMPS W/RESISTIVE LOAD @ 120VAC OR 28VDC 2 AMPS W/ RESISTIVE LOAD @ 250VAC 6. ELECTRIC LIFE: 40,000 make-and-break cycles at full load. 7. INSULATION RESISTANCE: 1,000 Mega-ohm min. 8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level. 9. OPERATING TEMP.: -30°C to 85°C 10. DENOTES CRITICAL PARAMETER. 11. 2002/95/EC (ROHS) COMPLIANT 12. HARDWARE TO BE SHIPPED BULK T100000 - HEXNUT - QTY 2 T100011 - LOCKWASHER - QTY 1 T100015 - LOCKRING - QTY 1 POS. 1 POS. 2 POS. 3 SWITCH FUNCTION NONE ON ON 2-3, 5-6 OPEN 2-1, 5-4 2 1 3 CIRCUIT: DPDT E-SWITCH MARKING ON OPPOSITE SIDE 1 2 3 3 8.89 [.350 in] 12.70 [.500 in] 11.43 [.450 in] 3.96 [.156 in] 6 5 4 6 8.89 [.350 in] 16.26 [.640 in] A 18195 RELEASE FOR PRODUCTION 8/5/08 BLR 2.03 [.080 in] 4.83 [.190 in] .76 [.030 in] 4.70 [.185 in] KEYWAY EPOXY SEAL 1/4-40 UNS-2A THREADS 25° .85 [.033 in] .55 [.022 in] 6.20 [.244 in] n6.35 [.250 in] n2.38 [.094 in] 3.30 [.130 in] MOUNTING 1.80 X 1.04 |
同様の部品番号 - ST121022 |
|
同様の説明 - ST121022 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |