データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1G データシート(PDF) 1 Page - Micro Commercial Components

部品番号 UF1G
部品情報  1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UF1G データシート(HTML) 1 Page - Micro Commercial Components

  UF1G Datasheet HTML 1Page - Micro Commercial Components UF1G Datasheet HTML 2Page - Micro Commercial Components UF1G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF1A
THRU
UF1M
1 Amp Surface Mount
Ultra
Fast
Rectifier
50 to 1000 Volts
DO-214AA
(SMB) (LEAD FRAME)
Features
Glass passivated junction
Easy pick and place
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Superfast Recovery Times For High Efficiency
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
UF1A-D
UF1G
UF1J-M
VF
1.7V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TA = 25
°C
TA = 125
°C
Typical Junction
Capacitance
CJ
17pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
H
J
E
F
G
A
B
D
C
0.075”
0.085"
0.095”
SUGGESTED SOLDER
PAD LAYOUT
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF1A
UF1A
50V
35V
50V
UF1B
UF1B
100V
70V
100V
UF1D
UF1D
200V
140V
200V
UF1G
UF1G
400V
280V
400V
UF1J
UF1J
600V
420V
600V
Maximum Reverse
Recovery Time
UF1A-G
UF1J-M
Trr
50ns
100ns
IF=0.5A, IR=1.0A,
Irr=0.25A
MCC
www.mccsemi.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.083
.096
2.11
2.44
B
.075
.083
1.91
2.11
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.030
.050
.76
1.27
F
.065
.091
1.65
2.32
G
.200
.220
5.08
5.59
H
.160
.185
4.06
4.70
J
.130
.155
3.30
3.94
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
1.
4V
Revision: A
2011/01/01
TM
Micro Commercial Components
Lead Free Finish/RoHS Compliant(NOTE 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Maximum Ratings
UF1
K
UF1
K800V
560V
800V
1.0V
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
1 of 3
UF1M
UF1M
1
000V
700V
1000V
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


同様の部品番号 - UF1G

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF1G PANJIT-UF1G Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
UF1G CHENG-YI-UF1G Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Microdiode Electronics ...
UF1G CHENDA-UF1G Datasheet
535Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Surge Components
UF1G SURGE-UF1G Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Shanghai Shunye Electro...
UF1G SY-UF1G Datasheet
234Kb / 2P
   SURFACE MOUNT ULTRA FAST RE RECTIFIER
More results

同様の説明 - UF1G

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
US1AE MCC-US1AE Datasheet
212Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1JFL-TP MCC-US1JFL-TP Datasheet
356Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1J-TP MCC-US1J-TP Datasheet
334Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1ME-TP MCC-US1ME-TP Datasheet
231Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1M-TP MCC-US1M-TP Datasheet
285Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1A MCC-US1A Datasheet
282Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com