データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADS7945 データシート(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADS7945
部品情報  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7945 データシート(HTML) 33 Page - Texas Instruments

Back Button ADS7945 Datasheet HTML 29Page - Texas Instruments ADS7945 Datasheet HTML 30Page - Texas Instruments ADS7945 Datasheet HTML 31Page - Texas Instruments ADS7945 Datasheet HTML 32Page - Texas Instruments ADS7945 Datasheet HTML 33Page - Texas Instruments ADS7945 Datasheet HTML 34Page - Texas Instruments ADS7945 Datasheet HTML 35Page - Texas Instruments ADS7945 Datasheet HTML 36Page - Texas Instruments ADS7945 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
0 - VREF
VREF - 0
+
50
5
470 pF
+
50
5
OPA836
OPA836
ADS7945
AINxP
AINxN
AVDD
GND
+VA
SamplingTime
SettlingResolution
ln(2)
´
FilterTimeConstant(t )=
AU
FilterTimeConstant(t )=R
C
´
AU
1
2
t
´ p ´ AU
FilterBandwidth=
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
APPLICATION INFORMATION: ADS7945
The ADS7945 employs a sample-and-hold stage at the input; see Figure 76 for a typical equivalent circuit of a
sample-and-hold stage. The device connects a 32 pF sampling capacitor during sampling. This configuration
results in a glitch at the input terminals of the device at the start of the sample. The external circuit must be
designed in such a way that the input can settle to the required accuracy during the sampling time chosen.
Figure 86 shows a typical driving circuit for the analog inputs.
Figure 86. Typical Input Driving Circuit for the ADS7945
The 470 pF capacitor across the AINxP and AINxN terminals decouples the driving op amp from the sampling
glitch. It is recommended to split the series resistance of the input filter in two equal values as shown in
Figure 86. It is recommended that both input terminals see the same impedance from the external circuit. The
low-pass filter at the input limits noise bandwidth of the driving op amps. Select the filter bandwidth so that the
full-scale step at the input can settle to the required accuracy during the sampling time. Equation 1, Equation 2,
and Equation 3 are useful for filter component selection.
Where:
Settling resolution is the accuracy in LSB to which the input needs to settle. A typical settling resolution
for the 14-bit device is 15 or 16.
(1)
(2)
(3)
Also, make sure the driving op amp bandwidth does not limit the signal bandwidth below filter bandwidth. In
many applications, signal bandwidth may be much lower than filter bandwidth. In this case, an additional
low-pass filter may be used at the input of the driving op amp. This signal filter bandwidth can be selected in
accordance with the input signal bandwidth.
INPUT COMMON-MODE RANGE
The AIN+ and AIN
– inputs to the ADS7945 should typically vary between 0 V and VREF with a common-mode of
VREF/2. The ADS7945 offers excellent CMRR which makes it possible to achieve close to the rated performance
of the converter even in cases where the common-mode input is not well-controlled. The device can accept a
±200 mV variation in the common-mode voltage at any VDD/VREF combination allowing use of the entire ADC
signal range (
–VREF to +VREF differentially).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS7945 ADS7946


同様の部品番号 - ADS7945

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945SRTER TI1-ADS7945SRTER Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945SRTET TI1-ADS7945SRTET Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
More results

同様の説明 - ADS7945

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com