データシートサーチシステム |
|
AM3871 データシート(PDF) 4 Page - Texas Instruments |
|
|
AM3871 データシート(HTML) 4 Page - Texas Instruments |
4 / 345 page Video Processing Subsystem (B)(C) Video Capture Display Processing HD OSD SD OSD HD VENC SD VENC HDMI Xmt SD DACs ICE Crusher McASP (6) McBSP (m)DDR2/3 32-bit (2) GPMC + ELM EMAC (R)(G)MII (2) MDIO USB 2.0 Ctlr/PHY (2) PCIe 2.0 (One x1 Port) UART (6) SPI (4) I 2C (4) SATA 3Gbp/s (1 Drives) System Control Serial Interfaces Program/Data Storage Connectivity Peripherals System Interconnect GP Timer (8) Watchdog Timer Real-Time Clock PRCM JTAG Imaging Subsystem Parallel Cam Input Resizer MMC/SD/ SDIO (3) DCAN (2) ARM Subsystem Cortex TM -A8 CPU 32 KB I-Cache 32 KB D-Cache 512 KB L2 Cache Boot ROM 48 KB RAM 64 KB NEON FPU Spin Lock Mailbox A. SGX530 is only available on the AM3874 device. B. HDMI is only available on the AM3874 and AM3872 devices. C. Video Ports (Inputs/Outputs) are only available on the AM3874 and AM3872 devices. AM3874, AM3872, AM3871 SPRS695 – SEPTEMBER 2011 www.ti.com 1.4 Functional Block Diagram Figure 1-1 shows the functional block diagram of the device. Figure 1-1. AM387x Sitara ™ ARM Microprocessors (MPUs) Functional Block Diagram 4 High-Performance System-on-Chip (SoC) Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
同様の部品番号 - AM3871 |
|
同様の説明 - AM3871 |