データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IC-SG85BLCCSG4C データシート(PDF) 4 Page - IC-Haus GmbH

部品番号 IC-SG85BLCCSG4C
部品情報  Infrared LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICHAUS [IC-Haus GmbH]
ホームページ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SG85BLCCSG4C データシート(HTML) 4 Page - IC-Haus GmbH

  IC-SG85BLCCSG4C Datasheet HTML 1Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 2Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 3Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 4Page - IC-Haus GmbH IC-SG85BLCCSG4C Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
prel
imin
ary
prel
imin
ary
iC-SG85 BLCC SG4C
Infrared LED
Rev A1, Page 4/5
DIMENSION TABLE
Item
Parameter
Comment
Value
Min
Typ
Max
Tol.
Unit
Substrate
A1
Outline Y
15.00
±0.2
mm
A2
Outline X
10.50
mm
A3
Lead Dimension
9.70
±0.05
mm
A4
Lead Width
1.50
±0.15
mm
A5
Notch
0.80
mm
A6
Outline Profile Tolerance
2x, with respect to Leads
0.50
mm
Lens
C1
Position Lens vs. Center
0.75
mm
C2
Lens Body Diameter
11.00
C3
Lens Body Height
Base to Shoulder
6.85
mm
C4
Lens Body Height
Base to Tip
9.00
mm
C5
Lug Length
2.00
mm
C6
Lug Width
3.00
mm
C7
Positional Tolerance Lens
vs. Leads
0.15
mm
C8
Lens Flat
vs. Center of Lens
4.30
mm
C9
Lug Extension
vs. Center of Lens
6.00
mm
C10
Lug Profile Tolerance
0.20
mm
C11
Lens Profile Tolerance
all Surfaces
0.05
mm
Thickness Specifications
T1
Overall Thickness
10.40
10.90
mm
T2
Substrate Thickness
1.45
1.85
mm
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.


同様の部品番号 - IC-SG85BLCCSG4C

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SG85BLCCSG1C ICHAUS-IC-SG85BLCCSG1C Datasheet
131Kb / 4P
   Infrared LED
More results

同様の説明 - IC-SG85BLCCSG4C

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com