データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145472FE データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC145472FE
部品情報  LOW-VOLTAGE CMOS 16-BIT TRANSPARENT LATCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145472FE データシート(HTML) 3 Page - Motorola, Inc

  MC145472FE Datasheet HTML 1Page - Motorola, Inc MC145472FE Datasheet HTML 2Page - Motorola, Inc MC145472FE Datasheet HTML 3Page - Motorola, Inc MC145472FE Datasheet HTML 4Page - Motorola, Inc MC145472FE Datasheet HTML 5Page - Motorola, Inc MC145472FE Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74LCX16373
LCX DATA
BR1339 — REV 3
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
–0.5
≤ VO ≤ +7.0
Output in 3–State
V
–0.5
≤ VO ≤ VCC + 0.5
Note 1.
V
IIK
DC Input Diode Current
–50
VI < GND
mA
IOK
DC Output Diode Current
–50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
(3–State)
0
0
VCC
5.5
V
IOH
HIGH Level Output Current, VCC = 3.0V – 3.6V
–24
mA
IOL
LOW Level Output Current, VCC = 3.0V – 3.6V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7V – 3.0V
–12
mA
IOL
LOW Level Output Current, VCC = 2.7V – 3.0V
12
mA
TA
Operating Free–Air Temperature
–40
+85
°C
∆t/∆V
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V,
VCC = 3.0V
0
10
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
2.0
V
VIL
LOW Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –100µA
VCC – 0.2
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –18mA
2.4
VCC = 3.0V; IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 100µA
0.2
V
VCC = 2.7V; IOL= 12mA
0.4
VCC = 3.0V; IOL = 16mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
2. These values of VI are used to test DC electrical characteristics only.


同様の部品番号 - MC145472FE

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Pulse A Technitrol Comp...
MC145474 PULSE-MC145474 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
Motorola, Inc
MC145475 MOTOROLA-MC145475 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
MC14547B MOTOROLA-MC14547B Datasheet
201Kb / 7P
   HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER
MC14547BCL MOTOROLA-MC14547BCL Datasheet
201Kb / 7P
   HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER
More results

同様の説明 - MC145472FE

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LCX16373DTRG ONSEMI-MC74LCX16373DTRG Datasheet
142Kb / 7P
   Low-Voltage CMOS 16-Bit Transparent Latch
July, 2010 ??Rev. 8
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com