データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25L04B-GTR データシート(PDF) 10 Page - Ramtron International Corporation

部品番号 FM25L04B-GTR
部品情報  4Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L04B-GTR データシート(HTML) 10 Page - Ramtron International Corporation

Back Button FM25L04B-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 10Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 11Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 12Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 13Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM25L04B - 4Kb 3V SPI F-RAM
Rev. 1.3
Feb. 2011
Page 10 of 14
AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V, CL = 30pF, unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
20
MHz
tCH
Clock High Time
22
ns
1
tCL
Clock Low Time
22
ns
1
tCSU
Chip Select Setup
10
ns
tCSH
Chip Select Hold
10
ns
tOD
Output Disable Time
20
ns
2
tODV
Output Data Valid Time
20
ns
tOH
Output Hold Time
0
ns
tD
Deselect Time
60
ns
tR
Data In Rise Time
50
ns
2,3
tF
Data In Fall Time
50
ns
2,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/HOLD Setup Time
10
ns
tHH
/HOLD Hold Time
10
ns
tHZ
/HOLD Low to Hi-Z
20
ns
2
tLZ
/HOLD High to Data Active
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
For Clock High Time tCH ≤ 35 ns, the parameter tODV is extended such that tCH + tODV ≤ 65 ns.
3.
This parameter is characterized but not 100% tested.
4.
Rise and fall times measured between 10% and 90% of waveform.
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output Capacitance (SO)
-
8
pF
1
CI
Input Capacitance
-
6
pF
1
Notes
1. This parameter is characterized but not 100% tested.
2. Slope measured at any point on VDD waveform.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
5 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
30 pF
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years


同様の部品番号 - FM25L04B-GTR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25L04B-GTR CYPRESS-FM25L04B-GTR Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM25L04B-GTR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B CYPRESS-FM25L04B Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
   4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com