データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25V05 データシート(PDF) 9 Page - Ramtron International Corporation

部品番号 FM25V05
部品情報  512Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V05 データシート(HTML) 9 Page - Ramtron International Corporation

Back Button FM25V05 Datasheet HTML 5Page - Ramtron International Corporation FM25V05 Datasheet HTML 6Page - Ramtron International Corporation FM25V05 Datasheet HTML 7Page - Ramtron International Corporation FM25V05 Datasheet HTML 8Page - Ramtron International Corporation FM25V05 Datasheet HTML 9Page - Ramtron International Corporation FM25V05 Datasheet HTML 10Page - Ramtron International Corporation FM25V05 Datasheet HTML 11Page - Ramtron International Corporation FM25V05 Datasheet HTML 12Page - Ramtron International Corporation FM25V05 Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FM25V05 - 512Kb SPI FRAM
Rev. 2.0
May 2010
Page 9 of 16
Sleep Mode
A low power mode called Sleep Mode is
implemented on both FM25V05 and FM25VN05
devices. The device will enter this low power state
when the SLEEP op-code B9h is clocked-in and a
rising edge of /S is applied. Once in sleep mode, the
C and D pins are ignored and Q will be high-Z, but
the device continues to monitor the /S pin. On the
next falling edge of /S, the device will return to
normal operation within tREC (400
µs max.). The Q
pin remains in a hi-Z state during the wakeup period.
The device will not necessarily respond to an opcode
within the wakeup period.
To start the wakeup
procedure, the controller may send a “dummy” read,
for example, and wait the remaining tREC time.
Figure 12. Sleep Mode Entry
Device ID
The FM25V05 and FM25VN05 devices can be interrogated for its manufacturer, product identification, and die
revision. The RDID op-code 9Fh allows the user to read the manufacturer ID and product ID, both of which are
read-only bytes. The JEDEC-assigned manufacturer ID places the Ramtron identifier in bank 7, therefore there are
six bytes of the continuation code 7Fh followed by the single byte C2h. There are two bytes of product ID, which
includes a Family code, a Density code, a Sub code, and Product Revision code.
Table 6. Manufacturer and Product ID
Bit
7
6
5
4
3
2
1
0
Hex
Manufacturer ID
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
1
1
0
0
0
0
1
0
C2
JEDEC assigned Ramtron C2h in bank 7
Family
Density
Hex
Device ID (1st Byte)
0
0
1
0
0
0
1
1
23h
Density: 01h=128K, 02h=256K, 03h=512K, 04=1M
Sub
Rev.
Rsvd
Device ID (2nd Byte)
0
0
0
0
0
0
0
0
00h
00h=FM25V05, 01h=FM25VN05
Figure 13. Read Device ID
S
C
D
Q
Enter Sleep
Mode
S
C
D
Q
7Fh
7Fh
C2h
00h
Six bytes of continuation code 7Fh
9Fh
23h
1
6
. . . . . . .


同様の部品番号 - FM25V05

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-G CYPRESS-FM25V05-G Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-GTR CYPRESS-FM25V05-GTR Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-GTR CYPRESS-FM25V05-GTR Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM25V05

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05 Datasheet
200Kb / 15P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com