データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25V05 データシート(PDF) 11 Page - Ramtron International Corporation

部品番号 FM25V05
部品情報  512Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V05 データシート(HTML) 11 Page - Ramtron International Corporation

Back Button FM25V05 Datasheet HTML 7Page - Ramtron International Corporation FM25V05 Datasheet HTML 8Page - Ramtron International Corporation FM25V05 Datasheet HTML 9Page - Ramtron International Corporation FM25V05 Datasheet HTML 10Page - Ramtron International Corporation FM25V05 Datasheet HTML 11Page - Ramtron International Corporation FM25V05 Datasheet HTML 12Page - Ramtron International Corporation FM25V05 Datasheet HTML 13Page - Ramtron International Corporation FM25V05 Datasheet HTML 14Page - Ramtron International Corporation FM25V05 Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FM25V05 - 512Kb SPI FRAM
Rev. 2.0
May 2010
Page 11 of 16
Figure 15. Read Serial Number
Endurance
The FM25V05 and FM25VN05 devices are capable
of being accessed at least 1014 times, reads or writes.
An F-RAM memory operates with a read and restore
mechanism. Therefore, an endurance cycle is applied
on a row basis for each access (read or write) to the
memory array. The F-RAM architecture is based on
an array of rows and columns. Rows are defined by
A15-A3 and column addresses by A2-A0. See Block
Diagram (pg 2) which shows the array as 8K rows of
64-bits each. The entire row is internally accessed
once whether a single byte or all eight bytes are read
or written. Each byte in the row is counted only once
in an endurance calculation. The table below shows
endurance calculations for 64-byte repeating loop,
which includes an op-code, a starting address, and a
sequential 64-byte data stream. This causes each byte
to experience one endurance cycle through the loop.
F-RAM read and write endurance is virtually
unlimited even at 40MHz clock rate.
Table 7. Time to Reach 100 Trillion Cycles for Repeating 64-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
1014 Cycles
40
74,620
2.35 x 1012
42.6
20
37,310
1.18 x 1012
85.1
10
18,660
5.88 x 1011
170.2
5
9,330
2.94 x 1011
340.3
S
C
D
Q
Byte 7
Byte 6
. . .
C3h
. . . . . . .
Byte 1
Byte 0


同様の部品番号 - FM25V05

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-G CYPRESS-FM25V05-G Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-GTR CYPRESS-FM25V05-GTR Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-GTR CYPRESS-FM25V05-GTR Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM25V05

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05 Datasheet
200Kb / 15P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com