データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1608B データシート(PDF) 6 Page - Ramtron International Corporation

部品番号 FM1608B
部品情報  64Kb Bytewide 5V F-RAM Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1608B データシート(HTML) 6 Page - Ramtron International Corporation

Back Button FM1608B Datasheet HTML 2Page - Ramtron International Corporation FM1608B Datasheet HTML 3Page - Ramtron International Corporation FM1608B Datasheet HTML 4Page - Ramtron International Corporation FM1608B Datasheet HTML 5Page - Ramtron International Corporation FM1608B Datasheet HTML 6Page - Ramtron International Corporation FM1608B Datasheet HTML 7Page - Ramtron International Corporation FM1608B Datasheet HTML 8Page - Ramtron International Corporation FM1608B Datasheet HTML 9Page - Ramtron International Corporation FM1608B Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FM1608B – 64Kb Bytewide 5V F-RAM
Rev. 1.2
Mar. 2011
Page 6 of 11
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
300V
Package Moisture Sensitivity Level
MSL-2
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
4.5
5.0
5.5
V
IDD
VDD Supply Current
-
15
mA
1
ISB1
Standby Current (TTL)
-
1.8
mA
2
ISB2
Standby Current (CMOS )
25
50
µA
3
ILI
Input Leakage Current
-
±1
µA
4
ILO
Output Leakage Current
-
±1
µA
4
VIH
Input High Voltage
2.0
VDD+0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
VOH1
Output High Voltage (IOH = -2 mA)
2.4
V
VOH2
Output High Voltage (IOH = -100 µA)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 4.2 mA)
0.4
V
VOL2
Output Low Voltage (IOL = 150 µA)
0.2
V
Notes
1.
VDD = 5.5V, /CE cycling at minimum cycle time. All inputs at CMOS levels, all outputs unloaded.
2.
VDD = 5.5V, /CE at VIH, All other pins at TTL levels.
3.
VDD = 5.5V, /CE at VIH, All other pins at CMOS levels (0.2V or VDD-0.2V).
4.
VIN, VOUT between VDD and VSS.


同様の部品番号 - FM1608B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1608B-SG CYPRESS-FM1608B-SG Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results

同様の説明 - FM1608B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com