データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM3130 データシート(PDF) 7 Page - Ramtron International Corporation

部品番号 FM3130
部品情報  Integrated RTC/Alarm and 64Kb F-RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130 データシート(HTML) 7 Page - Ramtron International Corporation

Back Button FM3130_11 Datasheet HTML 3Page - Ramtron International Corporation FM3130_11 Datasheet HTML 4Page - Ramtron International Corporation FM3130_11 Datasheet HTML 5Page - Ramtron International Corporation FM3130_11 Datasheet HTML 6Page - Ramtron International Corporation FM3130_11 Datasheet HTML 7Page - Ramtron International Corporation FM3130_11 Datasheet HTML 8Page - Ramtron International Corporation FM3130_11 Datasheet HTML 9Page - Ramtron International Corporation FM3130_11 Datasheet HTML 10Page - Ramtron International Corporation FM3130_11 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 3.2
Sept. 2011
Page 7 of 22
second. Setting the match select bit for seconds to „0‟
causes the logic to match the seconds alarm value to
the current time of day. Since a match will occur for
only one value per minute, the alarm occurs once per
minute. Likewise setting the seconds and minutes
match select bits causes an exact match of these
values. Thus, an alarm will occur once per hour.
Setting seconds, minutes, and hours causes a match
once per day. See Table 4 for other alarm setting
examples.
Function of the ACS Pin
The ACS pin is a multifunction pin. The alarm,
calibration, and square wave functions all share this
output. There are two ways a user can detect an alarm
event, by reading the AF flag or by monitoring the
ACS pin. An interrupt pin on the host processor may
be used to detect an alarm event. The AF flag in the
register 00h (bit 6) will indicate that a time/date
match has occurred. When a match occurs, the AF
bit will be set to „1‟ and the ACS pin will drive low.
The flag and ACS pin will remain in this state until
the RTC/Alarm Control register is read which clears
the AF bit.
Table 3 that shows the relationship between register
control settings and the function of the ACS pin.
Table 3. Control Bit Settings for ACS Pin
State of Register Bit
Function of
ACS pin
CAL
AEN
AL/SW
0
1
1
/Alarm
0
X
0
Sq Wave out
1
X
X
512 Hz out
0
0
1
Hi-Z
Cal Output/SquareWave Output
When the RTC calibration mode is invoked by
setting the CAL bit (register 00h, bit 2), the ACS
output pin will be driven with a 512 Hz square wave
and the alarm will continue to operate. Since most
users only invoke the calibration mode during
production, this should have no impact on the
otherwise normal operation of the alarm.
The ACS output may also be used to drive the system
with a continuous frequency. The AL/SW bit
(register 0Eh, bit 7) must be a „0‟. A user-selectable
frequency is provided by F0 and F1 (register 0Eh,
bits 5 and 6). The frequencies are 1, 512, 4096, and
32768 Hz.
If a continuous frequency output is
enabled by using the 512Hz or SquareWave out
functions, the alarm function will not be available.
Figure 4. ACS Pin Requires Pullup
The ACS pin is an open-drain output that needs to be
pulled up to a supply.
The ACS pin and pullup
resistor draws current only when the alarm is
triggered.
Table 4. Alarm Match Bit Examples
Seconds
Minutes
Hours
Date
Months
Alarm condition
1
1
1
1
1
No match required = alarm 1/second
0
1
1
1
1
Alarm when seconds match = alarm 1/minute
0
0
1
1
1
Alarm when seconds, minutes match = alarm 1/hour
0
0
0
1
1
Alarm when seconds, minutes, hours match = alarm 1/date
0
0
0
0
1
Alarm when seconds, minutes, hours, date match = alarm 1/month
ACS
1M
MCU
FM3130
VBAK


同様の部品番号 - FM3130_11

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM3130-DG RAMTRON-FM3130-DG Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3130-G RAMTRON-FM3130-G Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
More results

同様の説明 - FM3130_11

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3135 RAMTRON-FM3135 Datasheet
267Kb / 21P
   Integrated RTC/Alarm/F-RAM & Embedded Crystal
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com