データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM3164 データシート(PDF) 11 Page - Ramtron International Corporation

部品番号 FM3164
部品情報  Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3164 データシート(HTML) 11 Page - Ramtron International Corporation

Back Button FM3164 Datasheet HTML 7Page - Ramtron International Corporation FM3164 Datasheet HTML 8Page - Ramtron International Corporation FM3164 Datasheet HTML 9Page - Ramtron International Corporation FM3164 Datasheet HTML 10Page - Ramtron International Corporation FM3164 Datasheet HTML 11Page - Ramtron International Corporation FM3164 Datasheet HTML 12Page - Ramtron International Corporation FM3164 Datasheet HTML 13Page - Ramtron International Corporation FM3164 Datasheet HTML 14Page - Ramtron International Corporation FM3164 Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FM3104/16/64/256
Rev. 2.1
Sept. 2011
Page 11 of 26
Register Map
The RTC and processor companion functions are accessed via 25 special function registers mapped to a separate 2-
wire device ID. The interface protocol is described below. The registers contain timekeeping data, control bits, or
information flags. A description of each register follows the summary table below.
Register Map Summary Table
Nonvolatile =
Battery-backed =
Data
Address
D7
D6
D5
D4
D3
D2
D1
D0
Function
Range
Serial Number Byte 7
Serial Number 7
FFh
Serial Number Byte 6
Serial Number 6
FFh
Serial Number Byte 5
Serial Number 5
FFh
Serial Number Byte 4
Serial Number 4
FFh
Serial Number Byte 3
Serial Number 3
FFh
Serial Number Byte 2
Serial Number 2
FFh
Serial Number Byte 1
Serial Number 1
FFh
Serial Number Byte 0
Serial Number 0
FFh
10h
Counter 2 MSB
Event Counter 2 MSB
FFh
0Fh
Counter 2 LSB
Event Counter 2 LSB
FFh
0Eh
Counter 1 MSB
Event Counter 1 MSB
FFh
0Dh
Counter 1 LSB
Event Counter 1 LSB
FFh
0Ch
RC
CC
C2P
C1P
Event Count Control
0Bh
SNL
-
-
WP1
WP0
VBC
VTP1
VTP0
Companion Control
0Ah
WDE
-
-
WDT4
WDT3
WDT2
WDT1
WDT0
Watchdog Control
09h
WTR
POR
LB
-
WR3
WR2
WR1
WR0
Watchdog Restart/Flags
08h
10 years
years
Years
00-99
07h
0
0
0
10 mo
months
Month
1-12
06h
0
0
10 date
date
Date
1-31
05h
0
0
0
0
0
day
Day
1-7
04h
0
0
10 hours
hours
Hours
0-23
03h
0
10 minutes
minutes
Minutes
0-59
02h
0
10 seconds
seconds
Seconds
0-59
01h
/OSCEN
reserved
CALS
CAL4
CAL3
CAL2
CAL1
CAL0
CAL/Control
00h
reserved
CF
reserved
reserved
reserved
CAL
W
R
RTC Control
18h
17h
11h
16h
15h
14h
13h
12h
Note: When the device is first powered up and programmed, all registers must be written because the battery-
backed register values cannot be guaranteed.
The table below shows the default values of the non-volatile
registers. All other register values should be treated as unknown.
Default Register Values
Address
Hex Value
18h
0x00
17h
0x00
16h
0x00
15h
0x00
14h
0x00
13h
0x00
12h
0x00
11h
0x00
0Bh
0x00
0Ah
0x1F
01h
0x80


同様の部品番号 - FM3164

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM3164 ETC1-FM3164 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3164 RAMTRON-FM3164 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM3164 CYPRESS-FM3164 Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM3164 CYPRESS-FM3164 Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM3164-G RAMTRON-FM3164-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
More results

同様の説明 - FM3164

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com