データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD1-2D00-030 データシート(PDF) 5 Page - Magnetrol International, Inc.

部品番号 TD1-2D00-030
部品情報  Thermal Dispersion Flow/Level Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAGNETROL [Magnetrol International, Inc.]
ホームページ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-030 データシート(HTML) 5 Page - Magnetrol International, Inc.

  TD1-2D00-030 Datasheet HTML 1Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 2Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 3Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
54-610 Thermatel Model TD1/TD2 Flow Level Switch
2.3
Mounting
Thermatel Flow/Level Switches are shipped assembled to
the sensor. Units may be mounted in any position or ori-
entation. Refer to Figures 1 and 2.
Thermatel Flow/Level Switches should be located to allow
easy access for service. During operation the electronics
should not be exposed to ambient temperature above
+158° F (+70° C) or below -40° F (-40° C). Special pre-
caution should be taken to prevent exposure to corrosive
atmosphere, excessive vibration, shock or physical damage.
The switch can be exposed to storage temperature of
-58° F (-50° C).
NOTE: All wiring, conduit and electrical fittings must conform to local
electrical codes for the location selected.
The Thermatel Flow/Level Switch has a standard 34" NPT
mount designed for easy installation through a threaded
connection. Optional threaded and flanged connections
are also available.
1. Apply thread sealant to the sensor and insert the sensor
into the threaded connection.
Caution: Tighten unit only at the wrench flats on the sensor using
an open-end wrench. DO NOT use the instrument head
to tighten the switch to the mounting port. Rotation of
the instrument head with respect to the sensor assembly
can cause internal wiring damage.
2. Make sure the sensor is properly oriented to the flow (refer
to Figures 3 and 4) or level (refer to Figure 5).
Caution: The switch body must be oriented so that the flow arrow
is in the direction of the flow/level being detected. Proper
orientation is marked on the wrench flats or on the top of
the flange for reference.
Figure 1
Mounting
Figure 2
Mounting
Direction of
Level Movement
Figure 5
Level
Figure 4
Low Flow Body
Direction
of Flow
Direction
of Flow
Figure 3
Tee Connection


同様の部品番号 - TD1-2D00-030

メーカー部品番号データシート部品情報
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
More results

同様の説明 - TD1-2D00-030

メーカー部品番号データシート部品情報
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
logo
MRV Communications, Inc...
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com