データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1620 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 2SD1620
部品情報  1.5V, 3V Strobe Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1620 データシート(HTML) 1 Page - Sanyo Semicon Device

  2SD1620_10 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1620_10 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1620_10 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1620_10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SD1620
No.1719-1/4
Features
Less power dissipation because of low VCE(sat), permitting more flashes of light to be emitted.
Large current capacity and highly resistant to breakdown.
Excellent linearity of hFE in the region from low current to high current.
Ultrasmall size supports high-density, ultrasmall-sized hybrid IC designs.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
30
V
Collector-to-Emitter Voltage
VCEX
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
3A
Collector Current (Pulse)
ICP
5A
Collector Dissipation
PC
500
mW
Mounted on a ceramic board (250mm2
✕0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=20V, IE=0A
100
nA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
100
nA
DC Current Gain
hFE
VCE=2V, IC=3A
140
210
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
200
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
30
pF
Continued on next page.
www.semiconductor-sanyo.com/network
Ordering number : EN1719C
31010EA TK IM / 31005TN(PC)/21599TH (KT)/N1596TS(KOTO)8-7707/5277KI/3045MW, TS
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SD1620
NPN Epitaxial Planar Silicon Transistor
1.5V, 3V Strobe Applications


同様の部品番号 - 2SD1620_10

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620 Datasheet
75Kb / 3P
   1.5V,3V Strobe Applications
logo
Guangdong Kexin Industr...
2SD1620 KEXIN-2SD1620 Datasheet
50Kb / 1P
   NPN Epitaxial Planar Silicon Transistor
logo
ON Semiconductor
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
More results

同様の説明 - 2SD1620_10

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SD879 UTC-2SD879_2 Datasheet
95Kb / 3P
   1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD879 SANYO-2SD879 Datasheet
94Kb / 4P
   1.5V, 3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
91Kb / 3P
   1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620 Datasheet
75Kb / 3P
   1.5V,3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879_15 Datasheet
99Kb / 3P
   1.5V, 3V STROBE APPLICATIONS
2SD879 UTC-2SD879_11 Datasheet
98Kb / 2P
   1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD826 SANYO-2SD826 Datasheet
114Kb / 4P
   3V,6V Strobe Applications
logo
Toshiba Semiconductor
GT8G121 TOSHIBA-GT8G121_06 Datasheet
413Kb / 5P
   STROBE FLASH APPLICATIONS
2SC5030 TOSHIBA-2SC5030_04 Datasheet
146Kb / 5P
   Strobe Flash Applications
GT5G133 TOSHIBA-GT5G133 Datasheet
230Kb / 6P
   Strobe Flash Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com