データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4631 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LA4631
部品情報  For Audio Applications 5W 2-Channel AF Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4631 データシート(HTML) 4 Page - Sanyo Semicon Device

  LA4631 Datasheet HTML 1Page - Sanyo Semicon Device LA4631 Datasheet HTML 2Page - Sanyo Semicon Device LA4631 Datasheet HTML 3Page - Sanyo Semicon Device LA4631 Datasheet HTML 4Page - Sanyo Semicon Device LA4631 Datasheet HTML 5Page - Sanyo Semicon Device LA4631 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA4631
No.8177-4/6
External Components and Usage Notes
C1, C2
: These are input coupling capacitors; we recommend a value of 1
µF or lower. The LA4631 input pin
potential is about 1.4V, and the polarity must be considered due to the DC potential of the circuits connected
to the LA4631 front end. The amplifier's startup time (the time from the point power is first applied until the
point an output is generated) will change proportionally with the values of these input capacitors. (When 1
µF
capacitors are used, the startup time will be about 0.2 seconds.)
C3
: This capacitor is used as a ripple filter. We recommend a value of 100
µF. Amplifier impulse noise when
turned off (when the standby pin goes low) may be made worse if a value under 100
µF is used. The pin 1
voltage is about 1/2VCC. A DC mute function can be applied if pin 1 is connected to ground through a 300 to
500
Ω resistor. Note that the muting activation voltage will be too low if a resistor value of 750Ω or higher is
used.
C4
: This is an impulse noise prevention capacitor. The recommended value is 4.7
µF. If a value of 2.2µF or lower
is used for C4, impulse noise when the amplifier is turned off (when the standby pin goes low) may be made
worse. Also, if a value of 10
µF or higher is used, an "incomplete muting" phenomenon may occur when the
amplifier is turned off (when the standby pin goes low).
C5
: Power supply capacitor. This capacitor should be located as close as possible to the IC (to minimize
increases in the power supply line impedance) to achieve stable amplifier operation.
C6, C7
: Output capacitors. These capacitors influence the amplifiers low band frequency characteristics. (fc =
1/2
πCout×RL)
fc = low band cutoff frequency, Cout = C6, C7
• Caution
Although the LA4631 is basically pin compatible with the LA4632, there are certain differences in the external
components and the way the devices are used.
(Reference) Pin 5 IC internal equivalent circuit
Standby
applied
voltage Vx
+
Rx
Ix
Ix=max 4.5mA
5
STBY
R2
2k
• The amplifier can be turned on or off by controlling the high/low state of pin 5.
• The amplifier is turned on by applying a voltage of 1.5V or higher or an influx current of 800µA or higher. (If a 5V
level is applied directly to pin 5, the pin 5 influx current will be about 4.5mA.)
• If a voltage, Vx, that exceeds 5V will be applied, insert a current limiter resistor (Rx) so that the influx current does
not exceed 4.5mA. (See the formula below.)
Rx = (Vx – 5V)/4.5mA
• When pin 5 is controlled by a microcontroller, to set up a pin 5 influx current (Ix) optimal for the drive capacity of
the microcontroller, calculate Rx from the following formula as a first approximation and measure the influx current
to verify that level.
Rx = (Vx/Ix) – R1 (2k
Ω)
*: When a voltage is applied to the standby pin (pin 5), refer to the above and insert a resistor (Rx) to limit the influx
current if required.


同様の部品番号 - LA4631

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results

同様の説明 - LA4631

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
   For General Audio Use 2-Channel BTL AF Power Amplifier
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Sanyo Semicon Device
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
   For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
logo
General Electric Compan...
6BQ5 GEC-6BQ5 Datasheet
655Kb / 6P
   PENTODE FOR AF POWER AMPLIFIER APPLICATIONS
logo
YAMAHA CORPORATION
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com