データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5693D データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LA5693D
部品情報  with Watchdog Timer Voltage Regulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693D データシート(HTML) 4 Page - Sanyo Semicon Device

  LA5693D_08 Datasheet HTML 1Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 2Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 3Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 4Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 5Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 6Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA5693D,5693M
No.2769-4/7
Test Circuit
VCC
VO
TR1
+
R8
VCONT VO
VS
LA5693
R1
CK
Ct
GND
RES(2)
RES(1)
+
R2
+
Ct
Cin
10
µF
390
CCK
0.01
µF
Co
100
µF
Application Circuit Example
VCC
VO
TR2
2SA1258
D1
DS13SE
TR3
2SC3331
RES(2)
CK
RES(1)
GND
Ct
Ct
CPU
VDD
VSS
RES
DO
+
+
R2
R1
+
R8
VCONT VO
VS
LA5693
2SA1289
TR1
VS=VREF ×
VREF≈1.18[V]
R2
+1
R1
[ms]
[ms]
[ms]
td=10×Ct(µF)
tWD=40×Ct(µF)
tWR=0.25×Ct(µF)
CCK
0.01
µF
Co
100
µF
Cin
10
µF
390
R5
750
R4
1k
R3
10k
R6
1.1k
R7
2.2k


同様の部品番号 - LA5693D_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
More results

同様の説明 - LA5693D_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Sanyo Semicon Device
LA5693MD SANYO-LA5693MD Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com