データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYM10-800 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 BYM10-800
部品情報  Surface Mount Glass Passivated Junction Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM10-800 データシート(HTML) 4 Page - Vishay Siliconix

  BYM10-800 Datasheet HTML 1Page - Vishay Siliconix BYM10-800 Datasheet HTML 2Page - Vishay Siliconix BYM10-800 Datasheet HTML 3Page - Vishay Siliconix BYM10-800 Datasheet HTML 4Page - Vishay Siliconix BYM10-800 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88546
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
Vishay General Semiconductor
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
1
10
100
10
1
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
10
1
100
0.1
10
100
1
Mounted on 0.20" x 0.27" (5 mm x 7 mm)
Copper Pad Areas
(
t - Pulse Duration (s)
DO-213AB
1st band denotes type and positive end (cathode)
1
st Band
Solderable Ends
D2 = D1
+ 0
- 0.008 (0.20)
D2
0.105 (2.67)
0.095 (2.41)
D1 =
0.022 (0.56)
0.018 (0.46)
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185 (4.7)
Mounting Pad Layout
0.138 (3.5) MAX.
0.049 (1.25) MIN.
0.238 (6.0) REF.
0.118 (3.0) MIN.


同様の部品番号 - BYM10-800

メーカー部品番号データシート部品情報
logo
General Semiconductor
BYM10-800 GE-BYM10-800 Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-800 VISHAY-BYM10-800 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
More results

同様の説明 - BYM10-800

メーカー部品番号データシート部品情報
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
   Surface-Mount Glass Passivated Junction Rectifier
01-Jan-2022
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
02-Oct-12
logo
Zowie Technology Corpor...
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GNOA GOOD-ARK-GNOA Datasheet
190Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL34A VISHAY-GL34A Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com