データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA7791T データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA7791T
部品情報  For CATV/Cable Modem Variable Gain Controlled Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7791T データシート(HTML) 2 Page - Sanyo Semicon Device

  LA7791T Datasheet HTML 1Page - Sanyo Semicon Device LA7791T Datasheet HTML 2Page - Sanyo Semicon Device LA7791T Datasheet HTML 3Page - Sanyo Semicon Device LA7791T Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA7791T
No.A1144-2/4
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended Supply Voltage
VCC
Pin 2,19
5.0
V
Operating Supply Voltage Range
VCC op
Pin 2,19
4.75 to 5.25
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V, Vin = 29dBmV diff., f = 20MHz , Rin = 75Ω, Rout = 75Ω,
unless otherwise noted.
Ratings
Parameter
Symbol
Pin No.
Conditions
min
typ
max
Unit
Quiescent Current 1
ICCO-1
2,15,16,19
0 to 15dB attenuation
180
mA
Quiescent Current 2
ICCO-2
2,15,16,19
16 to 63dB attenuation
90
mA
Quiescent Current 3
ICCO-ps
2,15,16,19
Power Save Mode (TXEN:V18=0V)
6.6
mA
Quiescent Current 4
ICCO-swsd
2,15,16,19
Software Shut Down Mode (D7=0)
3.4
mA
Quiescent Current 5
ICCO-sd
2,15,16,19
Shut Down Mode (SD:V12=0V)
1.2
mA
Input Characteristics
Input Impedance
Zin
5,6
1.6
2
2.4
k
Overall Characteristics
Gain Flatness
Rfrq
5,6,15,16
Vout=60dBmV Diff,
f=5 to 42MHz, Ref at 20MHz
0.5
dB
Gain Flatness
Rfrq
5,6,15,16
Vout=60dBmV Diff,
f=5 to 65MHz, Ref at 20MHz
1.5
2.0
dB
Gain Control Range
Gcont
5,6,15,16
f=20MHz, Differential output
63
dB
Maximum Gain
Gmax
5,6,15,16
f=20MHz, Differential output
31.2
33.7
36.2
dB
Minimum Gain
Gmin
5,6,15,16
f=20MHz, Differential output
-29.3
dB
Gain Step
Gstep
5,6,15,16
f=20MHz, Differential output
0.7
1
1.3
dB
IM2
IM2
5,6,15,16
40MHz and 40.2MHz
54dBmV/tone Diff.
50
65
dBc
IM3
IM3
5,6,15,16
40MHz and 40.2MHz
54dBmV/tone Diff.
46
62
dBc
Output Characteristics
Output Signal Level
Vo
5,6,15,16
Differential output
63
dBmV
Output Noise Level
Vn
5,6,15,16
Differential output
187
300
nV
√Hz
Switching transients voltage
Vtran
5,6,15,16
Differential output
5
100
mV
Power Save Characteristics (Low active: Low---Power Save mode)
Power Save Attenuation
Att-ps
5,6,15,16, 18
Vin=29dBmV, 5 to 70MHz, Vin/Vout
59
85
dB
Setting Time
Tset
15,16,18
TXEN(18pin) on/off
2
us
Power Save on Voltage
Vps-on
15,16,18
Low, TXEN off
0.8
V
Power Save off Voltage
Vps-off
15,16,18
High, TXEN on
2.0
VCC
V
Shut Down Characteristics (Low active: Low---Shut Down mode)
Shut Down on Voltage
Vshut-on
12,15,16
Low, SD(12pin) on
0.8
V
Shut Down off Voltage
Vshut-off
12,15,16
High, SD(12pin) off
2.0
VCC
V


同様の部品番号 - LA7791T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
   With Driver amplifier for ADC AGC amplifier
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
   AGC Amplifier with Step Gain Control
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
More results

同様の説明 - LA7791T

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011168 MA-COM-MAAM-011168 Datasheet
1Mb / 16P
   Differential CATV Variable Gain Amplifier
MAAM-011186 MA-COM-MAAM-011186 Datasheet
1Mb / 13P
   Differential CATV Variable Gain Amplifier
logo
Sanyo Semicon Device
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com