データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA7793V データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA7793V
部品情報  With Driver amplifier for ADC AGC amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7793V データシート(HTML) 2 Page - Sanyo Semicon Device

  LA7793V Datasheet HTML 1Page - Sanyo Semicon Device LA7793V Datasheet HTML 2Page - Sanyo Semicon Device LA7793V Datasheet HTML 3Page - Sanyo Semicon Device LA7793V Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA7793V
No.A1146-2/4
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
Pins 12,13 and 14
5.0
V
Operating Supply Voltage
Range
VCC op
Pins 12,13 and 14
4.5 to 5.5
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Pin No.
Conditions
min
typ
max
Unit
Circuit Current
Itotal
12, 13, 14
No signal.
27
36
46
mA
IF Input Frequency Range
f(in)
8, 9
Fc: -3dB
30
100
MHz
gnd: pin 3.
open: pins 4, 5, 6 and 7.
10
dB
Noise Figure
NF
8, 9
50MHz
V11 = 2.5V
gnd: pin 7.
open: pins 3, 4, 5 and 6.
7
dB
Inter Modulation
IM3
8/1,16
9/1,16
V11 = 2.5V
f1: 50MHz
f2: 56MHz
Output = 110dB
µ each
40
50
dB
G1
gnd: pin 3.
open: pins 4, 5, 6 and 7.
29.5
32
34.5
dB
G2
gnd: pin 4.
open: pins 3, 5, 6 and 7.
33.5
36
38.5
dB
G3
gnd: pin 5
open: pins 3, 4, 6 and 7.
37.5
40
42.5
dB
G4
gnd: pin 6.
open: pins 3, 4, 5 and 7.
41.5
44
46.5
dB
Total Amplifier Gain
G5
8/1,16
9/1,16
50MHz
V11 = 2.5V
gnd: pin 7
open: pins 3, 4, 5 and 6.
45.5
48
50.5
dB
AGC Range
GR
8/1,16
9/1,16
V11 = 0.5 to 2.5V
IF Output Level <
±1dB
40
dB
G2-G1
34
5
dB
G3-G2
34
5
dB
G4-G3
34
5
dB
Gain Step
GS
8/1,16
9/1,16
50MHz
V11 = 2.5V
G5-G4
34
5
dB
IF Output Level 1
VO(IF)1
8
1.0
Vp-p
IF Output Level 2
VO(IF)2
9
50MHz
V11 = 2.5V
Output Level
1.0
Vp-p
Package Dimensions
unit : mm (typ)
3178B
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15
-40
-20
0
20
40
60
8085
100
400
0
100
200
300
187
Pd max -- Ta
360
Ambient temperature, Ta --
°C
Mounted on specified board: 114.3
×76.1×1.6mm3
glass epoxy board.


同様の部品番号 - LA7793V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
   AGC Amplifier with Step Gain Control
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
More results

同様の説明 - LA7793V

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com