データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA9703W データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA9703W
部品情報  Front End Processor for DVD Player
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9703W データシート(HTML) 3 Page - Sanyo Semicon Device

  LA9703W Datasheet HTML 1Page - Sanyo Semicon Device LA9703W Datasheet HTML 2Page - Sanyo Semicon Device LA9703W Datasheet HTML 3Page - Sanyo Semicon Device LA9703W Datasheet HTML 4Page - Sanyo Semicon Device LA9703W Datasheet HTML 5Page - Sanyo Semicon Device LA9703W Datasheet HTML 6Page - Sanyo Semicon Device LA9703W Datasheet HTML 7Page - Sanyo Semicon Device LA9703W Datasheet HTML 8Page - Sanyo Semicon Device LA9703W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LA9703W
No.7413-3/16
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
TEBAL1
TBAL1
A10, A11 pin input, Pin 25 = 0V, Pin 32 = SREF
Pin 36 = SREF-0.75V, Pin 40
∆GAIN
5.3
8.3
11.3
dB
TEBAL2
TBAL2
A10, A11 pin input, Pin 25 = 0V, Pin 32 = SREF
Pin 36 = SREF+0.75V, Pin 40
∆GAIN
-11.3
-8.3
-5.3
dB
DPD phase
difference voltage
difference 1
PD1
Differential voltage at pin 39 between inputs of Pin
A1=pin A3=pin A4=pin A5=5MHz phase 0 degree, pin
A2=5MHz phase 36 degrees and inputs of pin A1=pin
A3=pin A4=pin A5=5MHz phase 0 degree, pin
A2=5MHz phase -36 degree, RL=6.8kΩ
0.39
0.51
0.66
V
DPD phase
difference voltage
difference 2
PD2
Differential voltage at pin 39 between inputs of Pin A1
= pin A2 = pin A4 = pin A5 = 5MHz phase 0 degree,
pin A3 = 5MHz phase 36 degrees and inputs of pin A1
= pin A2 = pin A4 = pin A5 = 5MHz phase 0 degree,
pin A3 = 5MHz phase -36 degree, RL = 6.8kΩ
-0.66
-0.51
-0.39
V
DPD phase
difference voltage
difference 3
PD3
Differential voltage at pin 39 between inputs of Pin A1
= pin A2 = pin A3 = pin A5 = 5MHz phase 0 degree,
pin A4 = 5MHz phase 36 degrees and inputs of pin A1
= pin A2 = pin A3 = pin A5 = 5MHz phase 0 degree,
pin A4 = 5MHz phase -36 degree, RL = 6.8kΩ
0.39
0.51
0.66
V
DPD phase
difference voltage
difference 4
PD4
Differential voltage at pin 39 between inputs of Pin A1
= pin A2 = pin A3 = pin A4 = 5MHz phase 0 degree,
pin A5 = 5MHz phase 36 degrees and inputs of pin A1
= pin A2 = pin A3 = pin A4 = 5MHz phase 0 degree,
pin A5 = 5MHz phase -36 degree, RL = 6.8kΩ
-0.66
-0.51
-0.39
V
DPD offset
DPDOF
Pin A1 = A2 = A3 = A4 = A5 = 5MHz RL = 6.8kΩ
SREF-0.3
SREF
SREF+0.3
V
APC1 reference
voltage
LDS1
Pin 20 = 0V, Pin 21 = 5V, Pin 15
150
180
200
mV
APC1 off
LDD1
Pin 21 = 0V, Pin 15
4.5
5
V
APC2 reference
voltage
LDS2
Pin 20 = 5V, Pin 21 = 5V, Pin 15
3.2
3.5
3.8
mV
APC3 reference
voltage
LDS3
Pin 22 = 5V, Pin 17
150
180
200
mV
APC2 off
LDD2
Pin 22 = 0V, Pin 17
4.5
5
V
BPF1
BPF1
Pin A8 = Pin A9 = 190kHz, Pin 32 = SREF-0.75V
Pin 41
13.5
19
24.5
dB
BPF2
BPF2
Pin A8 = Pin A9 = 140kHz, Pin 32 = SREF-0.75V
Pin 41
13.5
19.5
dB
BPF3
BPF3
Pin A8 = Pin A9 = 240kHz, Pin 32 = SREF-0.75V
Pin 41
11
17
dB


同様の部品番号 - LA9703W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W Datasheet
119Kb / 15P
   LA9703W
More results

同様の説明 - LA9703W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA9702W SANYO-LA9702W Datasheet
493Kb / 10P
   DVD Player Front End Processor
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Princeton Technology Co...
PT9202 PTC-PT9202 Datasheet
217Kb / 5P
   DVD Analog Front-End
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com