データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA59700MX データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA59700MX
部品情報  Adjustable Voltage Type Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA59700MX データシート(HTML) 1 Page - Sanyo Semicon Device

  LA59700MX Datasheet HTML 1Page - Sanyo Semicon Device LA59700MX Datasheet HTML 2Page - Sanyo Semicon Device LA59700MX Datasheet HTML 3Page - Sanyo Semicon Device LA59700MX Datasheet HTML 4Page - Sanyo Semicon Device LA59700MX Datasheet HTML 5Page - Sanyo Semicon Device LA59700MX Datasheet HTML 6Page - Sanyo Semicon Device LA59700MX Datasheet HTML 7Page - Sanyo Semicon Device LA59700MX Datasheet HTML 8Page - Sanyo Semicon Device LA59700MX Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
22809 MS 20090203-S00004 No.A1415-1/9
LA59700MX
Overview
LA59700MX is an adjustable voltage regulator which has chip enable function.
The maximum current of 1.0A can be output.
Features
• Adjustable output voltage
• Maximum output current: 1.0A
• Chip enable function
• Build-in over current protection circuit
• Available ceramic capacitors
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
16
V
Maximum input voltage
VIN max
16
V
Allowable power dissipation
Pd max
Mounted on a specified board *1
1.8
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
*1. Specified board: 50mm
× 50mm × 1.6mm, glass epoxy double side board.
Monolithic Linear IC
Adjustable Voltage Type
Regulator
Ordering number : ENA1415


同様の部品番号 - LA59700MX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA59700MC ONSEMI-LA59700MC Datasheet
255Kb / 9P
   Adjustable Voltage Type Regulator
August, 2013
More results

同様の説明 - LA59700MX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA59700MC ONSEMI-LA59700MC Datasheet
255Kb / 9P
   Adjustable Voltage Type Regulator
August, 2013
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
   Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317T ISC-LM317T Datasheet
127Kb / 1P
   Adjustable Voltage Regulator
logo
SeCoS Halbleitertechnol...
S3ULM317 SECOS-S3ULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com